Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC4A-R081 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # FC4A-R081
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R081 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button FC4A-R081 Datasheet HTML 21Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 22Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 23Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 24Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 25Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 26Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 27Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 28Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
MicroSmart Series
35
Programmable Logic Controllers
Analog Input Specifications (1)
Part Number
FC4A-L03A1, FC4A-J2A1
FC4A-L03AP1
Input Signal
Voltage Input
0 to 10V
Current Input
4 to 20mA
Thermocouple
Type K
(0 to 1300ºC)
Type J
(0 to 1200ºC)
Type T
(0 to 400ºC)
Resistance
Thermometer
Pt100 3-wire type
(–100 to 500ºC)
Input Impedance
1 MΩ minimum
10Ω
1 MΩ minimum
1 MΩ minimum
Allowable Conductor Resistance (per wire)
200Ω maximum
Input Detection Current
1.0mA maximum
Sampling Duration Time
20ms maximum
20ms maximum
Sampling Repetition Time
20ms maximum
20ms maximum
Total Input System Transfer Time
105ms + 1 scan time
200ms + 1 scan time
Input
Single-ended
Differential
Operating Mode
Self-scan
Conversion Method
∑ Δ type ADC
Input
Error
Maximum Error at 25ºC
±0.2% of full scale
±0.2% of full scale plus
reference junction com-
pensation accuracy (±4ºC
maximum)
±0.2% of full scale
Temperature Coefficient
±0.006% of full scale /ºC
Repeatability after Stabilization Time
±0.5% of full scale
Non-linearity
±0.2% of full scale
Maximum Error
±1% of full scale
Digital Resolution
4096 increments (12 bits)
Output Value of LSB
2.5mV
4μA
Type K: 0.325ºC
Type J: 0.300ºC
Type T: 0.100ºC
0.15ºC
Data Type in Application Program
Default:
0 to 4095 (12-bit data)
Optional:
–32768 to 32767 (optional range designation) 1
Monotonicity
Yes
Input Data Out of Range
Detectable 2
Noise
Resistance
Maximum Temporary Deviation
during Electrical Noise Tests
±3% maximum when a 500V clamp voltage is applied to the power and I/O wiring
Accuracy is not assured when noise
is applied.
Input Filter
No
Cable
Twisted pair shielded cable is recommended for
improved noise immunity
Crosstalk
2 LSB maximum
Dielectric Strength
500V (between input and power circuit)
Type of Protection
Photocoupler-isolated (between input and internal circuit)
Effect of Improper Input Connection
No damage
Maximum Permanent Allowed Overload
(No Damage)
13V DC
40mA
Selection of Analog Input Signal
Using software programming
Calibration or Verification to Maintain Rated
Accuracy
N/A
1: The 12-bit data (0 to 4095) processed in the analog I/O module can be linear-converted to a value between –32768 and 32767. The optional range
designation, and analog I/O data minimum and maximum values can be selected using data registers allocated to analog I/O modules.
2: When an error is detected, a corresponding error code is stored to a data register allocated to analog I/O operating status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com