Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC4A-R081 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FC4A-R081
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R081 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FC4A-R081 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 9Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
MicroSmart Series
13
Programmable Logic Controllers
Analog I/O Expansion Modules
Features:
8 modules
0-10V, 4-20mA, RTD, Thermocouple, Thermistor inputs, 0-10V DC or
-10V DC to 10V DC output
12 or 16-bit resolution
Fast conversion time
Maximum of 56 I/O can be configured in the MicroSmart Pentra
system
Easy to configure using a Macro instruction in WindLDR
Modules
Appearance
Part Number
I/O Points
Input
Output
Resolution
Terminal
FC4A-J8C1
8 (8 inputs)
0-10V DC, 4-20mA
16-bit (0-50000)
Removable Screw
Terminals
FC4A-L03A1
3 (2 inputs, 1 output)
0-10V DC, 4-20mA
12-bit (0-4095)
FC4A-J2A1
2 (2 inputs)
FC4A-J4CN1
4 (4 inputs)
0-10V DC, 4-20mA, RTD,
Thermocouple
16-bit (0-50000)
FC4A-L03AP1
3 (2 inputs, 1 output)
RTD, Thermocouple
0-10V DC, 4-20mA
12-bit (0-4095)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com