Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC4A-R081 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # FC4A-R081
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R081 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FC4A-R081 Datasheet HTML 17Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 18Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 19Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 20Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 21Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 22Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 23Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 24Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
MicroSmart Series
31
Programmable Logic Controllers
I/O Modules Specifications
Input Module
Part Number
FC4A-N08B1
FC4A-N16B1
FC4A-N16B3
FC4A-N32B3
FC4A-N08A11
Input Points
8 (8/1 common)
16 (16/1 common)
32 (16/1 common) 8 (4/1 common)
Input Voltage
24V DC sink/source input signal
100 to 120V AC (50/60 Hz)
Input Voltage Range
20.4 to 28.8V DC
85 to 132V AC
Input Current
7mA/point (24V DC)
5mA/point (24V DC)
17mA/point (120V AC, 60 Hz)
Input Impedance
3.4kΩ
4.4kΩ
0.8kΩ (60 Hz)
ON Voltage
15V minimum
9V minimum
OFF Voltage
5V maximum
20V maximum
ON Current
4.2mA minimum (at 15V DC)
3.2mA minimum (at 15V DC)
OFF Current
1.2mA maximum
0.9mA maximum
Turn ON Time
4ms
25ms
Turn OFF Time
4ms
30ms
Isolation
Between input terminals: Not isolated
Internal circuit: Photocoupler isolated
Between input terminals in the same common: Not isolated
Between input terminals in different commons: Isolated
Between input terminals and internal circuits: Photocoupler
isolated
External Load for I/O
Interconnection
Not needed
Not needed
Single Determination Method
Static
Static
Effect of Improper Input
Connection
Both sink and source input signals can be connected. If any input exceeding
the rated value is applied, permanent damage may be caused.
If any input exceeding the rated value is applied, permanent
damage may be caused.
Cable Length
3m in compliance with electromagnetic immunity
Connector on Mother Board
MC1.5/10-G-3.81BK (Phoenix Contact)
FL26A2MA (Oki Electric Cable)
MC1.5/10-G-3.81BK (Phoenix Contact)
Connector Insertion/
Removal Durability
100 times minimum
Applicable Ferrule
1-wire: A1 0.5-8 WH
2-wire: A1-TWIN 2×0.5-8 WH
——
Internal
Current
Draw
All Inputs ON
25mA (5V DC)
40mA (5V DC)
35mA (5V DC)
65mA (5V DC)
60mA (5V DC), 0mA (24V DC)
All Inputs OFF
5mA (5V DC)
5mA (5V DC)
5mA (5V DC)
10mA (5V DC)
30mA (5V DC), 0mA (24V DC)
Internal Power Consumption
(at 24V DC while all inputs ON)
0.17W
0.27W
0.24W
0.44W
Weight
85g
100g
65g
100g
80g
Transistor Output Modules
Part Number
FC4A-T08K1
FC4A-T08S1
FC4A-T16K3
FC4A-T16S3
FC4A-T32K3
FC4A-T32S3
Output Points
8 (8/1 common)
16 (16/1 common)
32 (16/1 common)
Output
FC4A-T®K®: Transistor sink output
FC4A-T®S®: Transistor source output
Load Voltage
24V DC
Operating Load Voltage
Range
20.4 to 28.8V DC
Maximum Load Current
0.3A per point
0.1A per point
3A per common
1A per common
Voltage Drop (ON Voltage)
1V maximum (voltage between COM and output terminals
when output is on)
Inrush Current
1A maximum
Clamping Voltage
39V±1V
Maximum Lamp Load
8W
Inductive Load
L/R = 10ms (28.8V DC)
External Current Draw
FC4A-T®K®: 100mA maximum,
24V DC (power voltage at the +V terminal)
FC4A-T®S®: 100mA maximum,
24V DC (power voltage at the –V terminal)
Isolation
Between output terminal and internal circuit:
Photocoupler isolated
Between output terminals: Not isolated
Part Number
FC4A-T08K1
FC4A-T08S1
FC4A-T16K3
FC4A-T16S3
FC4A-T32K3
FC4A-T32S3
Connector on Mother
Board
MC1.5/10-G-
3.81BK
(Phoenix
Contact)
FL26A2MA (Oki Electric Cable)
Connector Insertion/
Removal Durability
100 times minimum
Applicable Ferrule
1-wire: A1 0.5-8 WH
2-wire: A1-TWIN 2×0.5-8 WH
Internal
Current
Draw
All outputs ON
10mA (5V DC)
20mA (24V DC)
10mA (5V DC)
40mA (24V DC)
20mA (5V DC)
70mA (24V DC)
All outputs
OFF
5mA (5V DC)
0mA (24V DC)
5mA (5V DC)
0mA (24V DC)
10mA (5V DC)
0mA (24V DC)
Internal Power
Consumption (at 24V DC
while all outputs ON)
0.55W
1.03W
1.82W
Output
Delay
Turn ON Time
300μs maximum
Turn OFF Time
300μs maximum
Weight
85g
70g
105g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com