Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  CRC Error and MPEG Frame Synchronization Indicators
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT83SND2CMP3_14 Datasheet HTML 67Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 68Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 69Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 70Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 71Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 72Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 73Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 74Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 98 page
background image
71
AT83SND2CMP3
7524D–MP3–07/07
Framing Error Detection
(Modes 1, 2 and 3)
Framing error detection is provided for the three asynchronous modes. To enable the
framing bit error detection feature, set SMOD0 bit in PCON register as shown in
Figure 67.
When this feature is enabled, the receiver checks each incoming data frame for a valid
stop bit. An invalid stop bit may result from noise on the serial lines or from simultaneous
transmission by 2 devices. If a valid stop bit is not found, the software sets FE bit in
SCON register.
Software may examine FE bit after each reception to check for data errors. Once set,
only software or a chip reset clear FE bit. Subsequently received frames with valid stop
bits cannot clear FE bit. When the framing error detection feature is enabled, RI rises on
stop bit instead of the last data bit as detailed in Figure 73.
Figure 67. Framing Error Block Diagram
Baud Rate Selection (Modes 1
and 3)
In modes 1 and 3, the Baud Rate is derived either from the Timer 1 or the Internal Baud
Rate Generator and allows different baud rate in reception and transmission.
As shown in Figure 68 the selection is done using RBCK and TBCK bits in BDRCON
register.
Figure 69 gives the baud rate calculation formulas for each baud rate source while
Table 56 details Internal Baud Rate Generator configuration for different peripheral
clock frequencies and giving baud rates closer to the standard baud rates.
Figure 68. Baud Rate Source Selection (Modes 1 and 3)
Figure 69. Baud Rate Formulas (Modes 1 and 3)
SM0
1
0
SMOD0
PCON.6
SM0/FE
SCON.7
Framing Error
Controller
FE
0
1
RBCK
BDRCON.2
T1
CLOCK
To Serial
IBRG
CLOCK
Rx Port
0
1
TBCK
BDRCON.3
T1
CLOCK
To Serial
IBRG
CLOCK
Tx Port
÷
16
÷
16
Baud_Rate=
6(1-SPD) ⋅ 32 ⋅ (256 -BRL)
2SMOD1 ⋅ FPER
BRL= 256 -
6(1-SPD) ⋅ 32 ⋅ Baud_Rate
2SMOD1 ⋅ F
PER
Baud_Rate=
6 ⋅ 32 ⋅ (256 -TH1)
2SMOD1 ⋅ F
PER
TH1= 256 -
192 ⋅ Baud_Rate
2SMOD1 ⋅ F
PER
a. IBRG Formula
b. T1 Formula



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com