Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  CRC Error and MPEG Frame Synchronization Indicators
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT83SND2CMP3_14 Datasheet HTML 1Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 2Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 3Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 4Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 5Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 6Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 7Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 8Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
2
AT83SND2CMP3
7524D–MP3–07/07
Description
The AT83SND2CMP3 has been developped as a versatile remote controlled MP3
player for very fast MP3 feature implementation into most existing system. It perfectly
fits features needed in mobile phones and toys, but can also be used in any portable
equipment and in industrial applications.
Audio files and any other data can be stored in a Nand Flash memory or in a removable
Flash card such as MultiMediaCard (MMC) or Secure Digital Card (SD). Music collec-
tions are very easy to build, as data can be stored using the standard FAT12/16 and
FAT32 file system.
Thanks to the USB port, data can be transferred and maintained from and to any com-
puter based on Windows®, Linux® and Mac OS®.
File system is controlled by the AT83SND2CMP3 so the host controller does not have to
handle it.
In addition to the USB device port, the MP3 audio system can be connected to any
embedded host through a low cost serial link UART. Host controller can fully remote
control the MP3 decoder behaviour using a command protocol over the serial link.
File system is controlled by the AT83SND2CMP3 so host controller does not have to
handle it.
Files can also be uploaded or dowloaded from host environment to NAND Flash or
Flash Card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com