Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  CRC Error and MPEG Frame Synchronization Indicators
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT83SND2CMP3_14 Datasheet HTML 35Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 36Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 37Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 38Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 39Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 40Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 41Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 42Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
39
AT83SND2CMP3
7524D–MP3–07/07
Power Amplifier
High quality mono output is provided. The DAC output is connected through a buffer
stage to the input of the Audio Power Amplifier, using two coupling capacitors The
mono buffer stage also includes a mixer of the LINEL and LINER inputs as well as a dif-
ferential monaural auxiliary input (line level) which can be, for example, the output of a
voice CODEC output driver in mobile phones.
In the full power mode, the Power Amplifier is capable of driving an 8Ω Loudspeaker at
maximum power of 440mW, making it suitable as a handsfree speaker driver in Wire-
less Handset Application.
The Low Power Mode is designed to be switched from the handsfree mode to the nor-
mal earphone/speaker mode of a telephone handset.
The audio power amplifier is not internally protected against short-circuit. The user
should avoid any short-circuit on the load.
PA Features
• 0.44W on 8Ω Load
• Low Power Mode for Earphone
• Programmable Gain (-22 to +20 dB)
• Fully Differential Structure, Input and Output
Table 43. PA Gain
APAGAIN 3:0
Gain (db)
0000
-22
0001
20
0010
17
0011
14
0100
11
0101
8
0110
5
0111
2
1000
-1
1001
-4
1010
-7
1011
-10
1100
-13
1101
-16
1110
-19
1111
-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com