Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  CRC Error and MPEG Frame Synchronization Indicators
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT83SND2CMP3_14 Datasheet HTML 17Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 18Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 19Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 20Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 21Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 22Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 23Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 24Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
21
AT83SND2CMP3
7524D–MP3–07/07
DAC and PA Interface The AT83SND2CMP3 implements a stereo Audio Digital-to-Analog Converter and
Audio Power Amplifier targeted for Li-Ion or Ni-Mh battery powered devices.
Figure 19. Audio Interface Block Diagram
DAC
The Stereo DAC section is a complete high performance, stereo, audio digital-to-analog
converter delivering 93 dB Dynamic Range. It comprises a multibit sigma-delta modula-
tor with dither, continuous time analog filters and analog output drive circuitry. This
architecture provides a high insensitivity to clock jitter. The digital interpolation filter
increases the sample rate by a factor of 8 using 3 linear phase half-band filters cas-
caded, followed by a first order SINC interpolator with a factor of 8. This filter eliminates
the images of baseband audio, remaining only the image at 64x the input sample rate,
which is eliminated by the analog post filter. Optionally, a dither signal can be added that
may reduce eventual noise tones at the output. However, the use of a multibit sigma-
delta modulator already provides extremely low noise tones energy.
Master clock is 128 up to 512 times the input data rate allowing choice of input data rate
up to 50 kHz, including standard audio rates of 48, 44.1, 32, 16 and 8 kHz. The DAC
section is followed by a volume and mute control and can be simultaneously played
back directly through a Stereo 32Ω Headset pair of drivers. The Stereo 32Ω Headset
pair of drivers also includes a mixer of a LINEL and LINER pair of stereo inputs as well
as a differential monaural auxiliary input (line level).
MP3
I2S/PCM
Audio
DSEL
DCLK
SCLK
DOUT
Audio
Decoder
Interface
PA
Audio
DAC
Unit
HSR
HSL
AUXP
AUXN
LINEL
LINER
MONOP
MONON
PAINP
PAINN
HPP
HPN
AUDCDIN
AUDCCLK
AUDCCS
AUDCDOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com