Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  CRC Error and MPEG Frame Synchronization Indicators
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT83SND2CMP3_14 Datasheet HTML 9Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 10Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 11Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 12Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 13Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 14Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 15Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 16Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
13
AT83SND2CMP3
7524D–MP3–07/07
MP3 Data
The MP3 decoder does not start any frame decoding before having a complete frame in
its input buffer(1). In order to manage the load of MP3 data in the frame buffer, a hard-
ware handshake consisting of data request and data acknowledgment is implemented.
Each time the MP3 decoder needs MP3 data, it sets the MPREQ, MPFREQ and
MPBREQ flags respectively in MP3STA and MP3STA1 registers. MPREQ flag can gen-
erate an interrupt if enabled as explained in Section “Interrupt”. The CPU must then load
data in the buffer by writing it through MP3DAT register thus acknowledging the previ-
ous request. As shown in Figure 10, the MPFREQ flag remains set while data (i.e a
frame) is requested by the decoder. It is cleared when no more data is requested and
set again when new data are requested. MPBREQ flag toggles at every Byte writing.
Note:
1. The first request after enable, consists in 1024 Bytes of data to fill in the input buffer.
Figure 10. Data Timing Diagram
MP3 Clock
The MP3 decoder clock is generated by division of the PLL clock. The division factor is
given by MPCD4:0 bits in MP3CLK register. Figure 11 shows the MP3 decoder clock
generator and its calculation formula. The MP3 decoder clock frequency depends only
on the incoming MP3 frames.
Figure 11. MP3 Clock Generator and Symbol
As soon as the frame header has been decoded and the MPEG version extracted, the
minimum MP3 input frequency must be programmed according to Table 14.
Table 14. MP3 Clock Frequency
MPFREQ Flag
MPBREQ Flag
MPREQ Flag
Cleared when Reading MP3STA
Write to MP3DAT
MPEG Version
Minimum MP3 Clock (MHz)
I
21
II
10.5
MPCD4:0
MP3CLK
MP3 Decoder Clock
MP3clk
PLL clk
MPCD
1
+
----------------------------
=
MP3
CLOCK
MP3 Clock Symbol
PLL
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com