Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT83SND2CMP3
Description  CRC Error and MPEG Frame Synchronization Indicators
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT83SND2CMP3_14 Datasheet HTML 18Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 19Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 20Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 21Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 22Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 23Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 24Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 25Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
22
AT83SND2CMP3
7524D–MP3–07/07
DAC Features
• 20 bit D/A Conversion
• 72dB Dynamic Range, -75dB THD Stereo line-in or microphone interface with 20dB
amplification
• 93dB Dynamic Range, -80dB THD Stereo D/A conversion
• 74dB Dynamic Range / -65dB THD for 20mW output power over 32 Ohm loads
• Stereo, Mono and Reverse Stereo Mixer
• Left/Right speaker short-circuit detection flag
• Differential mono auxiliary input amplifier and PA driver
• Audio sampling rates (Fs): 16, 22.05, 24, 32, 44.1 and 48 kHz.
Figure 20. Stereo DAC functional diagram
Digital Signals Timing
Data Interface
To avoid noises at the output, the reset state is maintained until proper synchronism is
achieved in the DAC serial interface:
•
DSEL
•
SCLK
•
DCLK
•
DOUT
The data interface allows three different data transfer modes:
Digital Filter
Digital Filter
Volume
Control
Volume
Control
Volume
Control
Volume
Control
SPKR
DRV
32
DAC
DAC
PGA
PGA
SPKR
DRV
32
HSR
HSR
HSR
HSR
HSL
HSL
HSL
HSL
LINEL
LINEL
LINEL
LINEL
LINER
LINER
LINER
LINER
Serial to
Parallel
Interface
DSEL
DSEL
DSEL
DSEL
DCLK
DCLK
DCLK
DCLK
+
+
+
+
+
+
+
+
AUXN
AUXN
AUXN
AUXN
AUXP
AUXP
AUXP
AUXP
AUX
PADRV
MONON
MONON
MONON
MONON
MONOP
MONOP
MONOP
MONOP
+
+
+
+
+
+
+
+
+
+
+
+
DOUT
DOUT
DOUT
DOUT
SCLK
SCLK
SCLK
SCLK
DAC_OLC Gain
6 to -6dB (3dB)
LLIG,RLIG Gain
20,12 to -33 dB
(3dB)
AUXG Gain
PA Gain
Line Out Gain
LLOG, RLOG
0 to -46.5dB
(1.5dB)
Master Playback
Gain
12 to -34dB (1.5dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com