| Electronic Components Datasheet Search |
|
ICS1892 Datasheet(PDF) 17 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 Datasheet(HTML) 17 Page - Integrated Circuit Systems |
|
17 / 148 page ![]() Chapter 5 Operating Modes Overview ICS1892, Rev. D, 2/26/01 February 26, 2001 17 ICS1892 © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. Chapter 5 Operating Modes Overview The ICS1892 operating modes and interfaces are configurable with one of two methods. The first configuration method is by using hardware pins. With this method, the HW/SW (hardware/software) pin determines whether it is the hardware pins or the register bits that have priority for configuring the ICS1892. The second – and more typical – configuration method is by using register bits, typically controlled from software. The register bits are accessible through a standard MII (Media Independent Interface) Serial Management Port. Even when the MAC/Repeater Interface is not supporting the standard MII Data Interface, access to the Serial Management Port is provided (that is, operation of the Serial Management Port is independent of the MAC/Repeater Interface configuration). The ICS1892 provides a number of configuration functions to support a variety of operations. For example, the MAC/Repeater Interface can be configured to operate as a 10M MII, a 100M MII, a 100M Symbol Interface, a 10M Serial Interface, or a Link Pulse Interface. The protocol on the Medium Dependent Interface (MDI) can be configured to support either 10M or 100M operations in either half-duplex or full-duplex modes. The ICS1892 is fully compliant with the ISO/IEC 8802-3 standard, as it pertains to both 10Base-T and 100Base-TX operations. The feature-rich ICS1892 allows easy migration from 10-Mbps to 100-Mbps operations as well as from systems that require support of both 10M and 100M links. This chapter is an overview of the following ICS1892 modes of operation: • Section 5.1, “Reset Operations” • Section 5.2, “Power-Down Operations” • Section 5.3, “Automatic Power-Saving Operations” • Section 5.4, “Auto-Negotiation Operations” • Section 5.5, “100Base-TX Operations” • Section 5.6, “10Base-T Operations” • Section 5.7, “Half-Duplex and Full-Duplex Operations” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |