Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1892 Datasheet(PDF) 99 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 99 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 95Page - Integrated Circuit Systems ICS1892 Datasheet HTML 96Page - Integrated Circuit Systems ICS1892 Datasheet HTML 97Page - Integrated Circuit Systems ICS1892 Datasheet HTML 98Page - Integrated Circuit Systems ICS1892 Datasheet HTML 99Page - Integrated Circuit Systems ICS1892 Datasheet HTML 100Page - Integrated Circuit Systems ICS1892 Datasheet HTML 101Page - Integrated Circuit Systems ICS1892 Datasheet HTML 102Page - Integrated Circuit Systems ICS1892 Datasheet HTML 103Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 148 page
background image
Chapter 8
Management Register Set
ICS1892, Rev. D, 2/26/01
February 26, 2001
99
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
8.14.1
Node/Repeater Configuration (bit 19.15)
The Node/Repeater Configuration bit directly indicates the state of the NOD/REP input pin. When this bit is
logic:
• Zero, the NOD/REP input pin is pulled down, which instructs the operation code to operate in Node
mode.
• One, the NOD/REP input pin is pulled up, which instructs the ICS1892 to operate in Repeater mode.
There are two primary differences between Node mode and Repeater mode.
• In Node mode:
– The SQE Test default setting is enabled.
– The Carrier Sense signal (CRS) is asserted in response to either transmit or receive activity.
• In Repeater mode:
– The SQE Test default setting is disabled.
– The Carrier Sense signal (CRS) is asserted in response only to receive activity.
8.14.2
Hardware/Software Priority Status (bit 19.14)
The Hardware/Software Priority Status bit directly indicates the state of the HW/SW pin. When this bit is
logic:
• Zero, the hardware pins have priority over the (software) register bits for establishing the ICS1892
configuration.
• One, the (software) register bits have priority over the hardware pins for establishing the ICS1892
configuration.
8.14.3
Remote Fault (bit 19.13)
The ISO/IEC specification defines bit 5.13 as the Remote Fault bit, and bit 19.13 is functionally identical to
bit 5.13. The Remote Fault bit is set based on the Link Control Word received from the remote link partner.
When this bit is a logic:
• Zero, it indicates the remote link partner does not detect a Link Fault.
• One, it indicates to the ICS1892/STA that the remote link partner detects a Link Fault.
8.14.4
ICS Reserved (bits 19.12:2)
ICS reserves these bits for future use. Functionally, these bits are equivalent to an IEEE Reserved bit.
When each of these reserved bits is:
• Read by an STA, the ICS1892 returns a logic zero.
• Written to by an STA, the STA must use the default value specified in this data sheet.
In general, ICS uses some reserved bits to invoke auxiliary functions. To ensure proper operation of the
ICS1892, an STA must maintain the default value of these bits. Therefore, ICS recommends that an STA
always write the default value of any reserved bits during all management register write operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com