Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1892 Datasheet(PDF) 31 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 31 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 27Page - Integrated Circuit Systems ICS1892 Datasheet HTML 28Page - Integrated Circuit Systems ICS1892 Datasheet HTML 29Page - Integrated Circuit Systems ICS1892 Datasheet HTML 30Page - Integrated Circuit Systems ICS1892 Datasheet HTML 31Page - Integrated Circuit Systems ICS1892 Datasheet HTML 32Page - Integrated Circuit Systems ICS1892 Datasheet HTML 33Page - Integrated Circuit Systems ICS1892 Datasheet HTML 34Page - Integrated Circuit Systems ICS1892 Datasheet HTML 35Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 148 page
background image
Chapter 6
Interface Overviews
ICS1892, Rev. D, 2/26/01
February 26, 2001
31
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
6.7.2
Clock Source: Crystal
Figure 6-1 shows the recommended configuration when a crystal is used to supply the ICS1892 clock
source. As shown, connect the two leads of the crystal between the ICS1892 pins REF_IN and REF_OUT.
To properly load the crystal, also add two capacitors (C1 and C2 of Figure 6-1): one connected between
REF_IN and ground (digital domain) and one connected between REF_OUT and ground (digital domain).
Note:
Because a crystal is a tuned RLC circuit, crystal loading has a significant impact on the clock
source accuracy.
As revealed by an impedance analysis of the recommended crystal configuration circuit, capacitors C1 and
C2 are in series. In addition, the circuit has stray capacitance, which Figure 6-1 shows as CS3 and CS4.
This stray capacitance is the collective result of board layout and pad capacitance.
Stray capacitance CS3 is in parallel with C1, depicted cumulatively as CL1. Stray capacitance CS4 is in
parallel with C2, depicted cumulatively as CL2. Therefore, the total capacitive load as viewed by the crystal
is the series sum of the two capacitors CL1 and CL2. (To add capacitors in series, add their inverse.)
If the capacitors C1 and C2 have the same value (which is recommended), then CL1 = CL2. In this case,
each capacitance CL1 and CL2 equals twice the rated load capacitance of the crystal. For example, if
CS3 = CS4 = 5 pF, and the rated capacitive load of the crystal is 25 pF, then C1 = C2 = 45 pF.
(CL1 = CL2 = 50 pF. Therefore, CL1 in parallel with CL2 equals 25 pF.)
Crystal accuracy is affected by load capacitance. The following factors also affect the crystal accuracy and
must be considered when selecting a crystal for a design:
• The crystal cut. The crystal must be cut for accuracy. In some cases, this cut can require using a fixture
that has equivalent capacitive loading characteristics as the final application.
• The crystal temperature characteristics
• The crystal aging characteristics
• CL1 and CL2, that is, the specific capacitive loading that occurs as a result of the particular printed circuit
board that is used and the board layout
Figure 6-1.
Recommended Configuration for a Crystal Clock Source
ICS1892
REF_IN
REF_OUT
C1
CS3
CL1
C2
CS4
CL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com