Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1892 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 7Page - Integrated Circuit Systems ICS1892 Datasheet HTML 8Page - Integrated Circuit Systems ICS1892 Datasheet HTML 9Page - Integrated Circuit Systems ICS1892 Datasheet HTML 10Page - Integrated Circuit Systems ICS1892 Datasheet HTML 11Page - Integrated Circuit Systems ICS1892 Datasheet HTML 12Page - Integrated Circuit Systems ICS1892 Datasheet HTML 13Page - Integrated Circuit Systems ICS1892 Datasheet HTML 14Page - Integrated Circuit Systems ICS1892 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 148 page
background image
Chapter 2
Conventions and Nomenclature
ICS1892, Rev. D, 2/26/01
February 26, 2001
11
ICS1892
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 2
Conventions and Nomenclature
Table 2-1 lists and explains the conventions and nomenclature used throughout this data sheet.
Table 2-1.
Conventions and Nomenclature
Item
Convention / Nomenclature
Asterisk (*)
Within this table, see the item ‘Pin (or signal) names’
Bits
• A bit in a register is identified using the format ‘register.bit’. For example, bit
0.15 is bit 15 of register 0.
• When a colon is used with bits, it indicates the range of bits. For example,
bits 1.15:11 are bits 15, 14, 13, 12, and 11 of register 1.
• For a range of bits, the order is always from the most-significant bit to the
least-significant bit.
Code groups
Within this table, see the item ‘Symbols’
Colon (:)
Within this table, see these items:
• ‘Bits’
• ‘Pin (or signal) names’
Numbers
• As a default, all numbers use the decimal system (that is, base 10) unless
followed by a lowercase letter. A string of numbers followed by a lowercase
letter:
– A ‘b’ represents a binary (base 2) number
– An ‘h’ represents a hexadecimal (base 16) number
– An ‘o’ represents an octal (base 8) number
• All numerical references to registers use decimal notation (and not
hexadecimal).
Pin (or signal) names
• All pin or signal names are provided in capital letters.
• A pin name that includes a forward slash ‘/’ is a multi-function, configuration
pin. These pins provide the ability to select between two ICS1892
functions. The name provided:
– Before the ‘/’ indicates the pin name and function when the signal level
on the pin is logic zero.
– After the ‘/’ indicates the pin name and function when the signal level on
the pin is logic one.
For example, the HW/SW pin selects between Hardware (HW) mode and
Software (SW) mode.
– When the signal level on the HW/SW pin is logic zero, the ICS1892
Hardware mode is selected.
– When the signal level on the HW/SW pin is logic one, the ICS1892
Software mode is selected.
• An asterisk appended to the end of a pin name or signal name (such as
RESET*) indicates an active-low operation.
• When a colon is used with pin or signal names, it indicates a range. For
example, TXD[3:0] represents pins/signals TXD3, TXD2, TXD1, and TXD0.
• When pin name abbreviations are spelled out, words in parentheses
indicate additional description that is not part of the pin name abbreviation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com