| Electronic Components Datasheet Search |
|
ICS1892 Datasheet(PDF) 27 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 Datasheet(HTML) 27 Page - Integrated Circuit Systems |
|
27 / 148 page ![]() Chapter 6 Interface Overviews ICS1892, Rev. D, 2/26/01 February 26, 2001 27 ICS1892 © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 6.3 10M Serial Interface When the Mac/Repeater Interface is configured as a 10M Serial Interface, the ICS1892 and the MAC/repeater exchange a framed, serial bit stream along with associated control signals. The 10M Serial Interface configuration is ideally suited to applications that already incorporate a serial 10Base-T MAC with a standard ‘7-wire’ interface. The ICS1892 MAC/Repeater Interface can be configured for 10M Serial Interface operations, as determined by ICS1892 configuration functions. When the HW/SW pin is set for: • Hardware mode, the 10M Serial Interface is selected when the following are true: – The MII/SI input pin is logic one (that is, the selection is for a Serial Interface). – The 10/100SEL input pin is logic zero (that is, the selection is for 10M operations). – The 10/LP input pin is logic zero • Software mode, the 10M Serial Interface is selected when the following are true: – The MII/SI input pin is logic one (that is, the selection is for a Serial Interface). – The Control Register Data Rate bit (bit 0.13) is logic zero (that is, the selection is for 10M operations). – The 10/LP input pin is logic zero Note: In software mode, the 10/100SEL pin becomes an output that indicates the state of bit 0.13. The 10M Serial Interface has two data paths: one for data transmission and one for data reception. Each data path exchanges a serial bit stream with the MAC/repeater at a 10-MHz clock rate. A benefit of using the 10M Serial Interface – in contrast to the 10M MII Interface – is a reduction in the bit latency through the ICS1892. This reduction is attributed to the elimination of both parallel-to-serial and serial-to-parallel data conversions. The 10M Serial Interface consists of the following nine signals: 10TCLK, 10TXEN, 10TD, 10RCLK, 10RXDV, 10RD, 10CRS, 10COL, and LSTA. (When the ICS1892 MAC/Repeater Interface is configured for 10M Serial operations, both its default MII pin names and their associated functions are redefined. For more information, see Section 9.2.4.3, “MAC/Repeater Interface Pins for 10M Serial Interface”.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |