| Electronic Components Datasheet Search |
|
ICS1892 Datasheet(PDF) 81 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 Datasheet(HTML) 81 Page - Integrated Circuit Systems |
|
81 / 148 page ![]() Chapter 8 Management Register Set ICS1892, Rev. D, 2/26/01 February 26, 2001 81 ICS1892 © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 8.8.2 Parallel Detection Fault (bit 6.4) The ICS1892 sets this bit to a logic one if a parallel detection fault is encountered. A parallel detection fault occurs when the ICS1892 cannot disseminate the technology being used by its remote link partner. Bit 6.4 is a latching high (LH) status bit. (For more information on latching high and latching low bits, see Section 8.1.4.1, “Latching High Bits” and Section 8.1.4.2, “Latching Low Bits”.) 8.8.3 Link Partner Next Page Able (bit 6.3) Bit 6.3 is a status bit that reports the capabilities of the remote link partner to support the Next Page features of the auto-negotiation process. The ICS1892 sets this bit to a logic one if the remote link partner sets the Next Page bit in its Link Control Word. 8.8.4 Next Page Able (bit 6.2) Bit 6.2 is a status bit that reports the capabilities of the ICS1892 to support the Next Page features of the auto-negotiation process. The ICS1892 sets this bit to a logic one to indicate that it is capable of supporting these features. 8.8.5 Page Received (bit 6.1) The ICS1892 sets this bit to a logic one if a parallel detection fault is encountered. A parallel detection fault occurs when the ICS1892 cannot disseminate the technology being used by its remote link partner. Bit 6.1 is a latching high (LH) status bit. (For more information on latching high and latching low bits, see Section 8.1.4.1, “Latching High Bits” and Section 8.1.4.2, “Latching Low Bits”.) 8.8.6 Link Partner Auto-Negotiation Able (bit 6.0) If the ICS1892: • Does not receive Fast Link Pulse bursts from its remote link partner, then this bit remains a logic zero. • Receives valid FLP bursts from its remote link partner (thereby indicating that it can participate in the auto-negotiation process), then the ICS1892 sets this bit to a logic one. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |