Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC80960HT60SL2G2 Datasheet(PDF) 82 Page - Intel Corporation

Part # FC80960HT60SL2G2
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HT60SL2G2 Datasheet(HTML) 82 Page - Intel Corporation

Back Button FC80960HT60SL2G2 Datasheet HTML 78Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 79Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 80Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 81Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 82Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 83Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 84Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 85Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 102 page
background image
80960HA/HD/HT
76
Advance Information Datasheet
5.1
80960Hx Boundary Scan Chain
Table 25. 80960Hx Boundary Scan Chain (Sheet 1 of 4)
#
BOUNDARY SCAN CELL
CELL TYPE
COMMENT
DP3
Bidirectional
DP2
Bidirectional
DP0
Bidirectional
DP1
Bidirectional
STEST
Input
FAILBAR
Output
Enable for FAILBAR, BSTALL and
BREQ
Control
ONCEBAR
Input
BOFFBAR
Input
D0
Bidirectional
D1
Bidirectional
D2
Bidirectional
D3
Bidirectional
D4
Bidirectional
D5
Bidirectional
D6
Bidirectional
D7
Bidirectional
Enable for DP(3:0) and D(31:0)
Control
D8
Bidirectional
D9
Bidirectional
D10
Bidirectional
D11
Bidirectional
D12
Bidirectional
D13
Bidirectional
D14
Bidirectional
D15
Bidirectional
D16
Bidirectional
D17
Bidirectional
D18
Bidirectional
D19
Bidirectional
D20
Bidirectional
NOTES:
1. Cell#1 connects to TDO and cell #112 connects to TDI.
2. All outputs are three-state.
3. In output and bidirectional signals, a logical “1” on the enable signal enables the output. A logical “0”
three-states the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com