Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC80960HT60SL2G2 Datasheet(PDF) 98 Page - Intel Corporation

Part # FC80960HT60SL2G2
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HT60SL2G2 Datasheet(HTML) 98 Page - Intel Corporation

Back Button FC80960HT60SL2G2 Datasheet HTML 94Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 95Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 96Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 97Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 98Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 99Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 100Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 101Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 102Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 98 / 102 page
background image
80960HA/HD/HT
92
Advance Information Datasheet
“BYPASS
(1111),” &
“EXTEST
(0000),” &
“SAMPLE
(0001),” &
“IDCODE
(0010),” &
“RUBIST
(0111),” &
“CLAMP
(0100),” &
“HIGHZ
(1000),” &
“Reserved
(1011, 1100)”;
attribute Instruction_Capture of Ha_Processor: entity is “0001”;
attribute Instruction_Private of Ha_Processor: entity is “Reserved” ;
attribute Idcode_Register of Ha_Processor: entity is
“0001” &
version,
“1000100001000000”
&
part number
“00000001001”&
manufacturers identity
“1”;
required by the standard
attribute Register_Access of Ha_Processor: entity is
“Runbist[32]
(RUBIST),” &
“Bypass
(CLAMP, HIGHZ)”;
*******************************************************************************
{
The first cell, cell 0, is closest to TDO
}
{
BC_1:Control, Output3
CBSC_1:Bidir
BC_4: Input, Clock
}
*******************************************************************************
attribute Boundary_Cells of Ha_Processor: entity is “BC_4, BC_1, CBSC_1”;
attribute Boundary_Length of Ha_Processor: entity is 112;
attribute Boundary_Register of Ha_Processor: entity is
“0
(CBSC_1,
DP(3),
bidir,
X,
17, 1,
Z),”
&
“1
(CBSC_1,
DP(2),
bidir,
X,
17, 1,
Z),”
&
“2
(CBSC_1,
DP(0),
bidir,
X,
17, 1,
Z),”
&
“3
(CBSC_1,
DP(1),
bidir,
X,
17, 1,
Z),”
&
“4
(BC_4,
STEST,
input,
X),”
&
“5
(BC_1,
FAILBAR,
output3, X,
6,
1,
Z),”
&
Example 2. Boundary-Scan Description Language (BSDL) for PQ2 Package Example (Sheet 5 of 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com