Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC80960HT60SL2G2 Datasheet(PDF) 91 Page - Intel Corporation

Part # FC80960HT60SL2G2
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HT60SL2G2 Datasheet(HTML) 91 Page - Intel Corporation

Back Button FC80960HT60SL2G2 Datasheet HTML 87Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 88Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 89Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 90Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 91Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 92Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 93Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 94Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
85
attribute Boundary_Cells of Ha_Processor: entity is “BC_4, BC_1, CBSC_1”;
attribute Boundary_Length of Ha_Processor: entity is 112;
attribute Boundary_Register of Ha_Processor: entity is
“0
(CBSC_1,
DP(3),
bidir,
X,
17, 1,
Z),”
&
“1
(CBSC_1,
DP(2),
bidir,
X,
17, 1,
Z),”
&
“2
(CBSC_1,
DP(0),
bidir,
X,
17, 1,
Z),”
&
“3
(CBSC_1,
DP(1),
bidir,
X,
17, 1,
Z),”
&
“4
(BC_4,
STEST,
input,
X),”
&
“5
(BC_1,
FAILBAR,
output3, X,
6,
1,
Z),”
&
“6
(BC_1,
*,
control, 1),”
&
“7
(BC_4,
ONCEBAR,
input,
X),”
&
“8
(BC_4,
BOFFBAR,
input,
X),”
&
“9
(CBSC_1,
D(0),
bidir,
X,
17,
1,
Z),”
&
“10 (CBSC_1,
D(1),
bidir,
X,
17,
1,
Z),”
&
“11 (CBSC_1,
D(2),
bidir,
X,
17,
1,
Z),”
&
“12 (CBSC_1,
D(3),
bidir,
X,
17,
1,
Z),”
&
“13 (CBSC_1,
D(4),
bidir,
X,
17,
1,
Z),”
&
“14 (CBSC_1,
D(5),
bidir,
X,
17,
1,
Z),”
&
“15 (CBSC_1,
D(6),
bidir,
X,
17,
1,
Z),”
&
“16 (CBSC_1,
D(7),
bidir,
X,
17,
1,
Z),”
&
“17 (BC_1,
*,
control, 1),”
&
“18 (CBSC_1,
D(8),
bidir,
X,
17,
1,
Z),”
&
“19 (CBSC_1,
D(9),
bidir,
X,
17,
1,
Z),”
&
“20 (CBSC_1,
D(10),
bidir,
X,
17,
1,
Z),”
&
“21 (CBSC_1,
D(11),
bidir,
X,
17,
1,
Z),”
&
“22 (CBSC_1,
D(12),
bidir,
X,
17,
1,
Z),”
&
“23 (CBSC_1,
D(13),
bidir,
X,
17,
1,
Z),”
&
“24 (CBSC_1,
D(14),
bidir,
X,
17,
1,
Z),”
&
“25 (CBSC_1,
D(15),
bidir,
X,
17,
1,
Z),”
&
“26 (CBSC_1,
D(16),
bidir,
X,
17,
1,
Z),”
&
“27 (CBSC_1,
D(17),
bidir,
X,
17,
1,
Z),”
&
“28 (CBSC_1,
D(18),
bidir,
X,
17,
1,
Z),”
&
“29 (CBSC_1,
D(19),
bidir,
X,
17,
1,
Z),”
&
“30 (CBSC_1,
D(20),
bidir,
X,
17,
1,
Z),”
&
“31 (CBSC_1,
D(21),
bidir,
X,
17,
1,
Z),”
&
“32 (CBSC_1,
D(22),
bidir,
X,
17,
1,
Z),”
&
“33 (CBSC_1,
D(23),
bidir,
X,
17,
1,
Z),”
&
“34 (CBSC_1,
D(24),
bidir,
X,
17, 1,
Z),”
&
Example 1. Boundary-Scan Description Language (BSDL) for PGA Package Example (Sheet 6 of 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com