Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC80960HT60SL2G2 Datasheet(PDF) 38 Page - Intel Corporation

Part # FC80960HT60SL2G2
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HT60SL2G2 Datasheet(HTML) 38 Page - Intel Corporation

Back Button FC80960HT60SL2G2 Datasheet HTML 34Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 35Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 36Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 37Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 38Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 39Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 40Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 41Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 102 page
background image
80960HA/HD/HT
32
Advance Information Datasheet
4.6
DC Specifications
Table 21. 80960Hx DC Characteristics (Sheet 1 of 2)
Per the conditions described in Section 4.3, “Recommended Connections” on page 30.
Symbol
Parameter
Min
Typ
Max
Units
Notes
VIL
Input Low Voltage
– 0.3
+0.8
V
VIH
Input High Voltage
2.0
VCC5 + 0.3
V
VOL
Output Low Voltage
All outputs except FAIL
0.4
0.2
V
IOL =3 mA
IOL = 100 µA
VOL
Output Low Voltage FAIL pin
0.4
V
IOL =5 mA
VOH
Output High Voltage
2.4
VCC –0.2
V
V
IOH =–3 mA
IOH = –100 µA
ILI
Input Leakage Current
Non-Test Inputs
TDI, TMS, TRST and ONCE
-1
1
-110
µA
µA
0
≤ V
IN ≤ VCC
VIN =0 V
ILO
Output Leakage Current
Non-Test Outputs
TDO pin
1
5
µA
µA
0.45
≤ V
OUT ≤ VCC
0.45
≤ V
OUT ≤ VCC
ICC Active
(Power
Supply)
80960HA 25
33
40
80960HD 32
50
66
80
80960HT 60
75
579
765
927
631
985
1300
1578
1165
1455
mA
(4,5)
ICC Active
(Thermal)
80960HA 25
33
40
80960HD 32
50
66
80
80960HT 60
75
392
518
628
413
645
851
1034
752
938
mA
(4,6)
ICC Test
(Reset
Mode)
80960HA 25
33
40
80960HD 32
50
66
80
80960HT 60
75
330
436
528
382
595
785
955
702
878
mA
(7,8)
ICC Test
(ONCE
mode)
25
mA
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com