Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC80960HT60SL2G2 Datasheet(PDF) 40 Page - Intel Corporation

Part # FC80960HT60SL2G2
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HT60SL2G2 Datasheet(HTML) 40 Page - Intel Corporation

Back Button FC80960HT60SL2G2 Datasheet HTML 36Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 37Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 38Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 39Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 40Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 41Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 42Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 43Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 102 page
background image
80960HA/HD/HT
34
Advance Information Datasheet
4.7
AC Specifications
Table 22. 80960Hx AC Characteristics (Sheet 1 of 2)
Per conditions in Section 4.2, “Operating Conditions” on page 29 and Section 4.7.1, “AC Test Conditions” on page 37.
Symbol
Parameter
Min
Max
Units
Notes
Input Clock (1,7)
TF
CLKIN Frequency
80960HA
80960HD
80960HT
16
16
16
40
40
25
MHz
MHz
MHz
T
CLKIN Period
80960HA
80960HD
80960HT
25
25
40
62.5
62.5
62.5
ns
ns
ns
TCS
CLKIN Period Stability
-250
+250
ps
(11)
TCH
CLKIN High Time
8
ns
(11)
TCL
CLKIN Low Time
80960HA
80960HD
80960HT
8
8
8
ns
ns
ns
(11)
TCR
CLKIN Rise Time
0
4
ns
(11)
TCF
CLKIN Fall Time
0
4
ns
(11)
Synchronous Outputs (1,2,3,6)
TOV1,TOH1
Output Valid Delay and Output Hold for all
outputs except DT/R,BLAST and BREQ for
3.3 V and 5 V inputs and I/Os.
1.5
9.5
ns
TOV2,TOH2
Output Valid Delay and Output Hold for DT/R
80960HA
80960HD
80960HT
T/2 + 1.5
3T/4 + 1.5
5T/6 + 1.5
T/2 + 9.5
3T/4 + 9.5
5T/6 + 9.5
ns
ns
ns
TOV3,TOH3
Output Valid Delay and Output Hold for BLAST
1.5
9
ns
TOV4,TOH4
Output Valid Delay and Output Hold for BREQ
0.5
9
ns
TOV5,TOH5
Output Valid Delay and Output Hold for A3:2
1.5
8.5
TOF
Output Float for all outputs
1.5
9
ns
(11)
Synchronous Inputs (1,7,8,9)
TIS1
Input Setup for all inputs except
READY,BTERM,
HOLD, and BOFF
2.5
ns
TIH1
Input Hold for all inputs except
READY,BTERM,
HOLD, and BOFF
2.5
ns
TIS2
Input Setup for
READY,BTERM, HOLD, and
BOFF
6ns
NOTE: See Table 23 “AC Characteristics Notes” on page 36 for all notes related to AC specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com