Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC80960HT60SL2G2 Datasheet(PDF) 20 Page - Intel Corporation

Part # FC80960HT60SL2G2
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HT60SL2G2 Datasheet(HTML) 20 Page - Intel Corporation

Back Button FC80960HT60SL2G2 Datasheet HTML 16Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 17Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 18Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 19Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 20Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 21Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 22Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 23Page - Intel Corporation FC80960HT60SL2G2 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
80960HA/HD/HT
14
Advance Information Datasheet
Table 8.
80960Hx 168-Pin PGA Pinout — Signal Name Order (Sheet 1 of 2)
Signal Name
PGA
Pin
Signal Name
PGA
Pin
Signal Name
PGA
Pin
Signal Name
PGA
Pin
A2
D16
ADS
R6
D14
L2
LOCK
S14
A3
D17
BE0
R9
D15
L1
NC
A9
A4
E16
BE1
S7
D16
M1
NC
A10
A5
E17
BE2
S6
D17
N1
NC
B13
A6
F17
BE3
S5
D18
N2
NC
B14
A7
G16
BLAST
S8
D19
P1
NC
D3
A8
G17
BOFF
B1
D20
P2
NMI
D15
A9
H17
BREQ
R13
D21
Q1
ONCE
C3
A10
J17
BSTALL
R12
D22
P3
PCHK
B8
A11
K17
BTERM
R4
D23
Q2
READY
S3
A12
L17
CLKIN
C13
D24
R1
RESET
A16
A13
L16
CT0
A11
D25
S1
STEST
B2
A14
M17
CT1
A12
D26
Q3
SUP
Q12
A15
N17
CT2
A13
D27
R2
TCK
B5
A16
N16
CT3
A14
D28
Q4
TDI
A7
A17
P17
D/C
S13
D29
S2
TDO
A8
A18
Q17
D0
E3
D30
Q5
TMS
B6
A19
P16
D1
C2
D31
R3
TRST
A6
A20
P15
D2
D2
DEN
S9
VCC
B7
A21
Q16
D3
C1
DP0
A3
VCC
B9
A22
R17
D4
E2
DP1
B3
VCC
B11
A23
R16
D5
D1
DP2
A4
VCC
B12
A24
Q15
D6
F2
DP3
B4
VCC
C6
A25
S17
D7
E1
DT/R
S11
VCC
C14
A26
R15
D8
F1
FAIL
A2
VCC
E15
A27
S16
D9
G1
——
VCC
F3
A28
Q14
D10
H2
——
VCC
F16
A29
R14
D11
H1
——
VCC
G2
A30
Q13
D12
J1
HOLD
R5
VCC
H16
A31
S15
D13
K1
HOLDA
S4
VCC
J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com