Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82527 Datasheet(PDF) 8 Page - Intel Corporation

Part # 82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82527 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 82527 Datasheet HTML 4Page - Intel Corporation 82527 Datasheet HTML 5Page - Intel Corporation 82527 Datasheet HTML 6Page - Intel Corporation 82527 Datasheet HTML 7Page - Intel Corporation 82527 Datasheet HTML 8Page - Intel Corporation 82527 Datasheet HTML 9Page - Intel Corporation 82527 Datasheet HTML 10Page - Intel Corporation 82527 Datasheet HTML 11Page - Intel Corporation 82527 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
82527
AC Characteristics for 816-Bit Multiplexed Intel Modes (Modes 0 1)
Conditions VCC e 5V g10% VSS e 0V TA eb40 Cto a125 C CL e 100 pF
Symbol
Parameter
Min
Max
Conditions
1tXTAL
Oscillator Frequency
8 MHz
16 MHz
1tSCLK
System Clock Frequency
4 MHz
10 MHz
1tMCLK
Memory Clock Frequency
2 MHz
8 MHz
tAVLL
Address Valid to ALE Low
75 ns
tLLAX
Address Hold after ALE Low
10 ns
tLHLL
ALE High Time
30 ns
tLLRL
ALE Low to RD
Low
20 ns
tCLLL
CS
Low to ALE Low
10 ns
tQVWH
Data Setup to WR
High
27 ns
tWHQX
Input Data Hold after WR
High
10 ns
tWLWH
WR
Pulse Width
30 ns
tWHLH
WR
High to Next ALE High
8 ns
tWHCH
WR
High to CS
High
0 ns
tRLRH
RD
Pulse Width
40 ns
This time is long enough to initiate a double
read cycle by loading the High Speed
Registers (04H 05H) but is too short to
READ from 04H and 05H (See tRLDV)
tRLDV
RD
Low to Data Valid
0 ns
55 ns
(Only for Registers 02H 04H 05H)
tRLDV1
RD
Low Data to Data Valid (for Registers
except 02H 04H 05H)
for Read Cycle without a Previous Write(1)
15 tMCLK a 100 ns
for Read Cycle with a Previous Write(1)
35 tMCLK a 100 ns
tRHDZ
Data Float after RD
High
0 ns
45 ns
tCLYV
CS
Low to READY Setup
32 ns
VOL e 10V
Condition Load Capacitance on the READY
40 ns
VOL e 045V
Output 50 pF
tWLYZ
WR
Low to READY Float for a Write Cycle
145 ns
if No Previous Write is Pending(2)
tWHYZ
End of Last Write to READY Float for a Write
2 tMCLK a 100 ns
Cycle if a Previous Write Cycle is Active(2)
tRLYZ
RD
Low to READY Float
(for registers except 02H 04H 05H)
for Read Cycle without a Previous Write(1)
2tMCLK a 100 ns
for Read Cycle with a Previous Write(1)
4tMCLK a 100 ns
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com