Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82527 Datasheet(PDF) 9 Page - Intel Corporation

Part # 82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82527 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 82527 Datasheet HTML 5Page - Intel Corporation 82527 Datasheet HTML 6Page - Intel Corporation 82527 Datasheet HTML 7Page - Intel Corporation 82527 Datasheet HTML 8Page - Intel Corporation 82527 Datasheet HTML 9Page - Intel Corporation 82527 Datasheet HTML 10Page - Intel Corporation 82527 Datasheet HTML 11Page - Intel Corporation 82527 Datasheet HTML 12Page - Intel Corporation 82527 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
82527
AC Characteristics for 816-Bit Multiplexed Intel Modes (Modes 0 1)
Conditions VCC e 5V g10% VSS e 0V TA eb40 Cto a125 C CL e 100 pF (Continued)
Symbol
Parameter
Min
Max
Conditions
tWHDV
WR
High to Output Data Valid
tMCLK
2tMCLK a 500 ns
on Port 12
tCOPO
CLKOUT Period
(CDV a 1) tOSC(3)
tCHCL
CLKOUT High Period
(CDV a 1)
tOSC b 10 (CDV a 1)
tOSC a 15
NOTES
References to WR
also pertain to WRH
1 Definition of ‘‘read cycle without a previous write’’ The time between the rising edge of WR
WRH
(for the previous
write cycle) and the falling edge of RD
(for the current read cycle) is greater than 2 tMCLK
2 Definition of ‘‘write cycle with a previous write’’ The time between the rising edge of WR
WRH
(for the previous write
cycle) and the rising edge of WR
WRH
(for the current write cycle) is less than 2 tMCLK
3 Definition of CDV is the value loaded in the CLKOUT register representing the CLKOUT divisor
AC Characteristics for 816-Bit Multiplexed Intel Modes (Modes 0 1)
272250 – 3
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com