Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82527 Datasheet(PDF) 1 Page - Intel Corporation

Part # 82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82527 Datasheet(HTML) 1 Page - Intel Corporation

  82527 Datasheet HTML 1Page - Intel Corporation 82527 Datasheet HTML 2Page - Intel Corporation 82527 Datasheet HTML 3Page - Intel Corporation 82527 Datasheet HTML 4Page - Intel Corporation 82527 Datasheet HTML 5Page - Intel Corporation 82527 Datasheet HTML 6Page - Intel Corporation 82527 Datasheet HTML 7Page - Intel Corporation 82527 Datasheet HTML 8Page - Intel Corporation 82527 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
December 1995
COPYRIGHT
INTEL CORPORATION 1995
Order Number 272250-006
82527
SERIAL COMMUNICATIONS CONTROLLER
CONTROLLER AREA NETWORK PROTOCOL
Automotive
Y
Supports CAN Specification 20
Standard Data and Remote Frames
Extended Data and Remote Frames
Y
Programmable Global Mask
Standard Message ldentifier
Extended Message ldentifier
Y
15 Message Objects of 8-Byte Data
Length
14 TxRx Buffers
1 Rx Buffer with Programmable Mask
Y
Flexible CPU Interface
8-Bit Multiplexed
16-Bit Multiplexed
8-Bit Non-Multiplexed
(SynchronousAsynchronous)
Serial Interface
Y
Programmable Bit Rate
Y
Programmable Clock Output
Y
Flexible Interrupt Structure
Y
Flexible Status Interface
Y
Configurable Output Driver
Y
Configurable Input Comparator
Y
Two 8-Bit Bidirectional IO Ports
Y
44-Lead PLCC Package
Y
44-Lead QFP Package
Y
Pinout Compatibility with the 82526
The 82527 serial communications controller is a highly integrated device that performs serial communication
according to the CAN protocol It performs all serial communication functions such as transmission and
reception of messages message filtering transmit search and interrupt search with minimal interaction from
the host microcontroller or CPU
The 82527 is Intel’s first device to support the standard and extended message frames in CAN Specification
20 Part B It has the capability to transmit receive and perform message filtering on extended message
frames Due to the backwardly compatible nature of CAN Specification 20 the 82527 also fully supports the
standard message frames in CAN Specification 20 Part A
The 82527 features a powerful CPU interface that offers flexibility to directly interface to many different CPUs
It can be configured to interface with CPUs using an 8-bit multiplexed 16-bit multiplexed or 8-bit non-multi-
plexed addressdata bus for Intel and non-Intel architectures A flexible serial interface (SPI) is also available
when a parallel CPU interface is not required
The 82527 provides storage for 15 message objects of 8-byte data length Each message object can be
configured as either transmit or receive except for the last message object The last message object is a
receive-only buffer with a special mask design to allow select groups of different message identifiers to be
received
The 82527 also implements a global masking feature for message filtering This feature allows the user to
globally mask any identifier bits of the incoming message The programmable global mask can be used for
both standard and extended messages
The 82527 PLCC offers hardware or pinout compatibility with the 82526 It is pin-to-pin compatible with the
82526 except for pins 9 30 and 44 These pins are used as chip selects on the 82526 and are used as CPU
interface mode selection pins on the 82527
The 82527 is fabricated using Intel’s reliable CHMOS III 5V technology and is available in either 44-lead PLCC
or 44-lead QFP for the automotive temperature range (b40 Cto a125 C)


Similar Part No. - 82527

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
More results

Similar Description - 82527

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
CAN (Controller Area Network) Controller
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
Serial Communications Controller
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
Multi-protocol communications controller (MPCC)
1995 May 01
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
CAN (Controller Area Network) Controller
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
Serial Communications Controller CAN Protocol
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
Serial Communications Controller?봀AN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
Serial Communications Controller - CAN Protocol
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com