Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82527 Datasheet(PDF) 7 Page - Intel Corporation

Part # 82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82527 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 82527 Datasheet HTML 3Page - Intel Corporation 82527 Datasheet HTML 4Page - Intel Corporation 82527 Datasheet HTML 5Page - Intel Corporation 82527 Datasheet HTML 6Page - Intel Corporation 82527 Datasheet HTML 7Page - Intel Corporation 82527 Datasheet HTML 8Page - Intel Corporation 82527 Datasheet HTML 9Page - Intel Corporation 82527 Datasheet HTML 10Page - Intel Corporation 82527 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
82527
DC Characteristics VCC e 5V g10% TA eb40 Cto a125 C
Symbol
Parameter
Min
Max
Conditions
ICC
Supply Current(1)
50 mA
fXTAL e 16 MHz
ISLEEP
Sleep Current(1)
with VCC 2 Output Enabled No Load
700 mA
with VCC 2 Output Disabled
100 mA
IPD
Powerdown Current(1)
25 mA
XTAL1 Clocked
NOTES
Typical value based on characterization data
Port pins are weakly held after reset until the port configuration registers are written (9FH AFH)
1 All pins are driven to VSS or VCC including RX0 and RX1
PHYSICAL LAYER SPECIFICATIONS Load Condition 100 pF
DC Characteristics VCC e 5V g10% TA eb40 Cto a125 C
RX0RX1 and TX0TX1
Min
Max
Conditions
Input Voltage
b
05V
VCC a 05V
Common Mode Range
VSS a 1V
VCC b 1V
Differential Input Threshold
g
100 mV
Internal Delay 1 Sum of the Comparator Input
60 ns
Load on TX0 TX1 e
Delay and the TX0TX1 Output Driver Delay
100 pF a100 mV to
b
100 mV RX0RX1
differential
Internal Delay 2 Sum of the RX0 Pin Delay (if
50 ns
Load on TX0 TX1 e
the Comparator is Bypassed) and the TX0TX1
100 pF
Output Driver Delay
Source Current on Each TX0 TX1
b
10 mA
VOUT e VCC b 10V
Sink Current on Each TX0 TX1
10 mA
VOUT e 10V
Input Hysteresis for RX0RX1
0V
VCC 2
VCC 2
238V
262V
IOUT s 75 mA VCC e 5V
CLOCKOUT SPECIFICATIONS
Load Condition 50 pF
Parameter
Min
Max
CLOCKOUT Frequency
XTAL15
XTAL
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com