Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82527 Datasheet(PDF) 6 Page - Intel Corporation

Part # 82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82527 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 82527 Datasheet HTML 2Page - Intel Corporation 82527 Datasheet HTML 3Page - Intel Corporation 82527 Datasheet HTML 4Page - Intel Corporation 82527 Datasheet HTML 5Page - Intel Corporation 82527 Datasheet HTML 6Page - Intel Corporation 82527 Datasheet HTML 7Page - Intel Corporation 82527 Datasheet HTML 8Page - Intel Corporation 82527 Datasheet HTML 9Page - Intel Corporation 82527 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
82527
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
b
60 Cto a150 C
Voltage from Any Pin
to VSS
b
05V to a70V
Laboratory testing shows the 82527 will withstand
up to 10 mA of injected current into both RX0 and
RX1 pins for a total of 20 days without sustaining
permanent damage This high current condition may
be the result of shorted signal lines The 82527 will
not function properly if the RX0RX1 input voltage
exceeds VCCa05V
NOTICE This is a production data sheet The specifi-
cations are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
DC Characteristics VCC e 5V g10% TA eb40 Cto a125 C
Symbol
Parameter
Min
Max
Conditions
VIL
Input Low Voltage (All except RX0 RX1
b
05V
08V
AD0 – AD7 in Mode 3)
VIL1
Input Low Voltage for AD0 – AD7 in
b
05V
05V
Mode 3
VIL2
Input Low Voltage (RX0) for Comparator
05V
Bypass Mode
VIL3
Input Low Voltage for Port 1 and Port 2
03 VCC
Pins Not Used for Interface to Host CPU
VIH
Input High Voltage (All except RX0 RX1
30V
VCC a 05V
RESET )
VIH1
Input High Voltage (RESET )
30V
VCC a 05V
Hysteresis on RESET
200 mV
VIH2
Input High Voltage (RX0) for Comparator
40V
Bypass Mode
VIH3
Input High Voltage for Port 1 and Port 2
07 VCC
Pins Not Used for Interface to Host CPU
VOL
Output Low Voltage (All Outputs except
045V
IOL e 16 mA
TX0 TX1)
VOH
Output High Voltage (All Outputs except
VCC b 08V
IOH eb200 mA
TX0 TX1 CLOCKOUT)
VOHR1
Output High Voltage (CLOCKOUT)
08 VCC
IOH eb80 mA
ILK
Input Leakage Current
g
10 mAVSS k VIN k VCC
CIN
PIN Capacitance
10 pF
fXTAL e 1 KHz
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com