Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M80C196KB Datasheet(PDF) 9 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 9 Page - Intel Corporation

Back Button M80C196KB Datasheet HTML 5Page - Intel Corporation M80C196KB Datasheet HTML 6Page - Intel Corporation M80C196KB Datasheet HTML 7Page - Intel Corporation M80C196KB Datasheet HTML 8Page - Intel Corporation M80C196KB Datasheet HTML 9Page - Intel Corporation M80C196KB Datasheet HTML 10Page - Intel Corporation M80C196KB Datasheet HTML 11Page - Intel Corporation M80C196KB Datasheet HTML 12Page - Intel Corporation M80C196KB Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
M80C196KB
PIN DESCRIPTIONS (Continued)
Symbol
Name and Function
NMI
A positive transition causes a vector through 203EH
INST
Output high during an external memory read indicates the read is an instruction fetch INST
is valid throughout the bus cycle INST is activated only during external memory accesses
and output low for a data fetch
EA
EA must be equal to a TTL-low to cause address locations 2000H through 3FFFH to be
directed to off-chip memory
ALEADV
Address Latch Enable or Address Valid output as selected by CCR Both pin options
provide a latch to demultiplex the address from the addressdata bus When the pin is
ADV it goes inactive high at the end of the bus cycle ADV can be used as a chip select for
external memory ALEADV is activated only during external memory accesses
RD
Read signal output to external memory RD is activated only during external memory
reads
WR WRL
Write and Write Low output to external memory as selected by the CCR WR will go low
for every external write while WRL will go low only for external writes where an even byte
is being written WR WRL is activated only during external memory writes
BHE WRH
Bus High Enable or Write High output to external memory as selected by the CCR BHE
e
0 selects the bank of memory that is connected to the high byte of the data bus A0 e 0
selects the bank of memory that is connected to the low byte of the data bus Thus
accesses to a 16-bit wide memory can be to the low byte only (A0 e 0 BHE e 1) to the
high byte only (A0 e 1 BHE e 0) or both bytes (A0 e 0 BHE e 0) If the WRH function
is selected the pin will go low if the bus cycle is writing to an odd memory location BHE
WRH is valid only during 16-bit external memory write cycles
READY
Ready input to lengthen external memory cycles for interfacing to slow or dynamic
memory or for bus sharing If the pin is high CPU operation continues in a normal manner
If the pin is low prior to the falling edge of CLKOUT the memory controller goes into a wait
mode until the next positive transition in CLKOUT occurs with READY high When the
external memory is not being used READY has no effect Internal control of the number of
wait states inserted into a bus cycle held not ready is available through configuration of
CCR
HSI
Inputs to High Speed Input Unit Four HSI pins are available HSI0 HSI1 HSI2 and
HSI3 Two of them (HSI2 and HSI3) are shared with the HSO Unit
HSO
Outputs from High Speed Output Unit Six HSO pins are available HSO0 HSO1 HSO2
HSO3 HSO4 and HSO5 Two of them (HSO4 and HSO5) are shared with the HSI Unit
Port 0
8-bit high impedance input-only port Three pins can be used as digital inputs andor as
analog inputs to the on-chip AD converter
Port 1
8-bit quasi-bidirectional IO port
Port 2
8-bit multi-functional port All of its pins are shared with other functions in the M80C196KB
Ports 3 and 4
8-bit bi-directional IO ports with open drain outputs These pins are shared with the
multiplexed addressdata bus which has strong internal pullups
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com