| Electronic Components Datasheet Search |
|
M80C196KB Datasheet(PDF) 30 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
M80C196KB Datasheet(HTML) 30 Page - Intel Corporation |
|
30 / 30 page ![]() M80C196KB M80C196KB FUNCTIONAL DEVIATIONS The M80C196KB has the following problems 1 The DJNZW instruction is guaranteed to be func- tional The DJNZ (byte instruction) work around is no longer needed 2 The serial port only tolerates a a125% b75% baud rate error between Transmitter and Receiv- er If the serial port fails on the receiver increase the baud rate 3 The HSI unit has two errata one dealing with res- olution and the other with first entries into the FIFO The HSI resolution is 9 states instead of 8 states Events on the same line may be lost if they occur faster than once every 9 state times There is a mismatch between the 9 state time HSI resolution and the 8 state time timer This causes one time value to be unused every 9 timer counts Events may receive a time-tag one count later than expected because of this ‘‘skipped’’ time val- ue If the first two events into an empty FIFO (not including the Holding Register) occur in the same internal phase both are recorded with one time- tag Otherwise if the second event occurs within 9 states after the first its time-tag is one count later than the first’s If this is the ‘‘skipped’’ time value the second event’s time-tag is 2 counts lat- er than the first’s If the FIFO and Holding Register are empty the first event will transfer into the Holding Register after 8 state times leaving the FIFO empty again If the second event occurs after this time it will act as a new first event into an empty FIFO 4 The serial port Framing Error flag that failed to in- dicate an error if the bit preceding the stop bit is a 1 has been fixed CONVERTING FROM OTHER M8097 FAMILY PRODUCTS TO THE M80C196KB The following list of suggestions for designing an M809XBH system will yield a design that is easily converted to the M80C196KB 1 Do not base critical timing loops on instruction or peripheral execution times 2 Use equate statements to set all timing parame- ters including the baud rate 3 Do not base hardware timings on CLKOUT or XTAL1 The timings of the M80C196KB are differ- ent than those of the M8X9XBH but they will function with standard ROMEPROMPeripheral type memory systems 4 Make sure all inputs are tied high or low and not left floating 5 Indexed and indirect operations relative to the stack pointer (SP) work differently on the M80C196KB than on the M8097 On the M8097 the address is calculated based on the un-updat- ed version of the stack pointer The M80C196KB uses the updated version The offset for PUSH SP POP SP PUSH nn SP and POP nn SP instructions may need to be changed by a count of 2 30 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |