| Electronic Components Datasheet Search |
|
M80C196KB Datasheet(PDF) 16 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
M80C196KB Datasheet(HTML) 16 Page - Intel Corporation |
|
16 / 30 page ![]() M80C196KB USING THE ALTERNATE REGISTER WINDOW (WSRe15) IO register expansion on the new CHMOS members of the MCS-96 family has been provided by making two register windows available Switching between these windows is done using the Window Select Register (WSR) The PUSHA and POPA instructions can be used to push and pop the WSR and second interrupt mask when entering or leaving interrupts so it is easy to change between windows On the M80C196KB only Window 0 and Window 15 are active Window 0 is a true superset of the standard 8096 SFR space while Window 15 allows the read-only registers to be written and write-only registers to be read The only major exception to this is the Timer2 register which is the Timer2 capture register in Window 15 The writeable register for Timer2 is in Window 0 There are also some minor changes and cautions The descriptions of the registers which have different functions in Window 15 than in Window 0 are listed below AD COMMAND (02H) Read the last written command AD RESULT (02H 03H) Write a value into the result register HSI MODE (03H) Read the value in HSI MODE HSI TIME (04H05H) Write to FIFO Holding register HSO TIME (04H05H) Read the last value placed in the holding register HSI STATUS (06H) Write to status bits but not to HSI pin bits (Pin bits are 1357) HSO COMMAND (06H) Read the last value placed in the holding register SBUF(RX) (07H) Write a value into the receive buffer SBUF(TX) (07H) Read the last value written to the transmit buffer WATCHDOG(0AH) Read the value in the upper byte of the WDT TIMER1 (0AH0BH) Write a value to Timer1 TIMER2 (0CH0DH) ReadWrite the Timer2 capture register Note that Timer2 readwrite is done with WSRe0 IOC2 (0BH) Last written value is readable except bit 7 (note 1) BAUD RATE (0EH) No function cannot be read PORT0 (0EH) No function no output drivers on the pins Register reserved PORT1 IOPORT1 cannot be read or written in Window 15 Register reserved SP STAT (11H) Set the status bits TI and RI can be set but it will not cause an interrupt SP CON (11H) Read the current control byte IOS0 (15H) Writing to this register controls the HSO pins Bits 6 and 7 are inactive for writes IOC0 (15H) Last written value is readable except bit 1 (note 1) IOS1 (16H) Writing to this register will set the status bits but not cause interrupts Bits 6 and 7 are not functional IOC1 (16H) Last written value is readable IOS2 (17H) Writing to this register will set the status bits but not cause interrupts PWM CONTROL (17H) Read the duty cycle value written to PWM CONTROL NOTE 1 IOC27 (CAM CLEAR) and IOC01 (T2RST) are not latched and will read as a 1 (precharged bus) Being able to write to the read-only registers and vice-versa provides a lot of flexibility One of the most useful advantages is the ability to set the timers and HSO lines for initial conditions other than zero Reserved registers may be used for testing as future features Do not write to these registers Read from reserved registers will return indeterminate values 16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |