Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG799G Datasheet(PDF) 23 Page - Analog Devices

Part # ADG799G
Description  Compatible, Wide Bandwidth
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799G Datasheet(HTML) 23 Page - Analog Devices

Back Button ADG799G_15 Datasheet HTML 16Page - Analog Devices ADG799G_15 Datasheet HTML 17Page - Analog Devices ADG799G_15 Datasheet HTML 18Page - Analog Devices ADG799G_15 Datasheet HTML 19Page - Analog Devices ADG799G_15 Datasheet HTML 20Page - Analog Devices ADG799G_15 Datasheet HTML 21Page - Analog Devices ADG799G_15 Datasheet HTML 22Page - Analog Devices ADG799G_15 Datasheet HTML 23Page - Analog Devices ADG799G_15 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADG799A/ADG799G
Rev. 0 | Page 23 of 24
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-2
EXCEPT FOR EXPOSED PAD DIMENSION
1
24
6
7
13
19
18
12
*2.45
2.30 SQ
2.15
0.60 MAX
0.50
0.40
0.30
0.30
0.23
0.18
2.50 REF
0.50
BSC
12° MAX
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
1.00
0.85
0.80
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BSC SQ
4.00
BSC SQ
PIN 1
INDICATOR
0.60 MAX
COPLANARITY
0.08
0.20 REF
0.23 MIN
EXPOSED
PAD
(BOTTOMVIEW)
Figure 35. 24-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-24-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
I2C Speed
Package Description
Package Option
ADG799ABCPZ-REEL1
−40°C to +85°C
100 kHz, 400 kHz
24-Lead LFCSP_VQ
CP-24-2
ADG799ABCPZ-500RL71
−40°C to +85°C
100 kHz, 400 kHz
24-Lead LFCSP_VQ
CP-24-2
ADG799ACCPZ-REEL1
−40°C to +85°C
100 kHz, 400 kHz, 3.4 MHz
24-Lead LFCSP_VQ
CP-24-2
ADG799ACCPZ-500RL71
−40°C to +85°C
100 kHz, 400 kHz, 3.4 MHz
24-Lead LFCSP_VQ
CP-24-2
ADG799GBCPZ-REEL1
−40°C to +85°C
100 kHz, 400 kHz
24-Lead LFCSP_VQ
CP-24-2
ADG799GBCPZ-500RL71
−40°C to +85°C
100 kHz, 400 kHz
24-Lead LFCSP_VQ
CP-24-2
ADG799GCCPZ-REEL1
−40°C to +85°C
100 kHz, 400 kHz, 3.4 MHz
24-Lead LFCSP_VQ
CP-24-2
ADG799GCCPZ-500RL71
−40°C to +85°C
100 kHz, 400 kHz, 3.4 MHz
24-Lead LFCSP_VQ
CP-24-2
EVAL-ADG799GEB2
Evaluation Board
1 Z = Pb-free part.
2 Evaluation board is RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com