Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2334 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2334
Description  Complete car door module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2334 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2334 Datasheet HTML 2Page - STMicroelectronics AN2334 Datasheet HTML 3Page - STMicroelectronics AN2334 Datasheet HTML 4Page - STMicroelectronics AN2334 Datasheet HTML 5Page - STMicroelectronics AN2334 Datasheet HTML 6Page - STMicroelectronics AN2334 Datasheet HTML 7Page - STMicroelectronics AN2334 Datasheet HTML 8Page - STMicroelectronics AN2334 Datasheet HTML 9Page - STMicroelectronics AN2334 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Car door module description
AN2334
6/22
The microcontroller is the ST72F561, a member of the ST7 microcontroller family, designed
for mid-range applications with CAN (Controller Area Network) and LIN (Local Interconnect
Network) interfaces. It is based on an industry standard 8-bit core, featuring an enhanced
instruction set. The enhanced instruction set and addressing modes of the ST7 offer both
power and flexibility to software developers, enabling the design of highly efficient and
compact application codes. In addition to standard 8-bit data management, all ST7
microcontrollers feature true bit manipulation, 8x8 unsigned multiplication and indirect
addressing modes.
The voltage regulator is the L4979 which offers high precision output voltage and a
programmable watchdog timer with an external capacitor. The programmable watchdog
timer allows microcontroller auto-recovery from software runaway failures.
The L9638 performs LIN-bus interface functions between the protocol handler in the
microcontroller and the physical bus in automotive applications. It has a Sleep mode that
allows the lowest current consumption of the transceiver. It is possible to wake up the
transceiver through LIN-bus, Enable input or Wake-up input.
The new VNH2SP30 window power bridge driver provides a smooth and fully-protected
motor drive via 20 kHz PWM. A current sense (CS) output is used to monitor motor torque
that provides an antitrap function via the ADC inputs of the microcontroller.
Finally, the L9950 actuator driver controls mirror adjustment and fold-in/-out, as well as an
advanced locking system, driving the door latch and the dead bolt motor. Five intrinsic high-
side drivers are available to control various lamps or LEDs, including the mirror defroster,
and sophisticated diagnostic algorithms allow digital and analog load status to be monitored
by reading fold, lock motors and defroster currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com