Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2334 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2334
Description  Complete car door module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2334 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2334 Datasheet HTML 14Page - STMicroelectronics AN2334 Datasheet HTML 15Page - STMicroelectronics AN2334 Datasheet HTML 16Page - STMicroelectronics AN2334 Datasheet HTML 17Page - STMicroelectronics AN2334 Datasheet HTML 18Page - STMicroelectronics AN2334 Datasheet HTML 19Page - STMicroelectronics AN2334 Datasheet HTML 20Page - STMicroelectronics AN2334 Datasheet HTML 21Page - STMicroelectronics AN2334 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Hardware implementation
AN2334
18/22
5
Hardware implementation
The voltage regulator, which provides the required 5V during normal mode, is enabled by
the LIN transceiver through Inhibit Output pin INH. To reset the microcontroller with the
watchdog timer in case of a missing pulse, a jumper must be installed in the Voltage
Regulator Reset connector (#1 - Figure 8).
The jumper must be removed in case of microcontroller reprogramming; in fact, in this
phase, the microcontroller cannot provide pulses to the voltage regulator that should provide
a low level reset. Moreover, during the programming phase, to enable the Voltage regulator
a jumper must be installed in the Voltage Regulator Enable connector (#2 - Figure 8)
because in this case the LIN bus interface L9638 cannot provide the enabling voltage.
In summary, the microcontroller can be reprogrammed using the ICP connector (#10 -
Figure 8) by removing the Reset jumper (#1 - Figure 8) and settling the Enable jumper (#2 -
Figure 8). See the ST72F561 datasheet for more details.
A jumper on CB4 connector (#8 - Figure 8) allows using the board without using the LIN
Interface as detailed in Section 3: Local Interconnect Network (LIN) messages.
The board connector locations are given in Figure 8.
Figure 8.
Board connectors
1
1 Reset
2 Enable
3 L9950 Outputs
4 Down Key
5 Up Key
6 - CB5 / 7 – CB3 / 8 - CB4
9 - Window Up Switch
10 ICP Conn
11 Window
Motor
16 LIN Conn.
15 Wake Up
2
3
4
5
6
7
8
9
10
12 Power
Supply
13 L9950
Outputs
14 Parallel
Port
11
12
14
13
15
16
1
1 Reset
2 Enable
3 L9950 Outputs
4 Down Key
5 Up Key
6 - CB5 / 7 – CB3 / 8 - CB4
9 - Window Up Switch
10 ICP Conn
11 Window
Motor
16 LIN Conn.
15 Wake Up
2
3
4
5
6
7
8
9
10
12 Power
Supply
13 L9950
Outputs
14 Parallel
Port
11
12
14
13
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com