Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2334 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2334
Description  Complete car door module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2334 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2334 Datasheet HTML 4Page - STMicroelectronics AN2334 Datasheet HTML 5Page - STMicroelectronics AN2334 Datasheet HTML 6Page - STMicroelectronics AN2334 Datasheet HTML 7Page - STMicroelectronics AN2334 Datasheet HTML 8Page - STMicroelectronics AN2334 Datasheet HTML 9Page - STMicroelectronics AN2334 Datasheet HTML 10Page - STMicroelectronics AN2334 Datasheet HTML 11Page - STMicroelectronics AN2334 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Algorithms
AN2334
8/22
Figure 2.
VNH2 PWM signal
At this point the system waits for any event: A pressed key or a pinch.
If a key is pressed, the motor is stops, resetting VNH2 PWM and setting InA and InB for
braking to Vbatt the motor and stopping the glass.
In case of a pinch event, the Window Up switch is first checked. If this switch is closed
(upper limit reached), the glass is locked driving the motor up for 800 ms.
Otherwise, if the glass moves up, it is driven down for 800 ms to release the pinched object;
if it goes down the motor is stopped immediately.
When an abnormal condition is detected (Open Load, Short circuit or thermal shutdown), a
LIN message is sent to the PC VNH2 diagnostic node. Open Load is detected by current
sense voltage monitoring (value) while a short circuit and thermal shutdown are detected
using the VNH2 DIAGx pin. When DIAGx pin is reset, while INx is set, the status pin
indicates a thermal shutdown; otherwise, if INx is reset the status pin detects a short circuit.
For further information about antipinch algorithms, please refer to “AN2095 - VNH2 for
window lift with antipinch routine”.
When a command for L9950 loads is detected through keypad input pins, the
microcontroller drives such loads through the L9950 SPI bus. Serial data for controlling
outputs and for receiving status registers is sent via this bus.
For example, if one of the over-current bits is set, the corresponding driver is disabled. If the
over-current recovery bit of the output is not set, the microcontroller must clear the over-
current bit to enable the driver again.
If the thermal shutdown bit is set, all drivers go to high impedance state. Again, the
microcontroller must clear the bit to enable the drivers.
When the Fold Mirror motor is activated, the relevant motor is driven for 4 seconds with a
fully charged battery and for 6 seconds in other cases. Since the OUT1 is common to all
mirror motors, it is impossible to drive two or more mirror motors at the same time.
The turn indicator and the defroster are driven using PWM2 and PWM1 respectively.
For all lights, the over-current Recovery Enable bit is set by the microcontroller; this
automatically reactivates the output after a delay time, resulting in a PWM modulated
current with a programmable duty cycle.
The over-current recovery feature is intended for loads which have an initial current higher
than the over-current limit of the output (for example, cold light bulbs).
The described algorithm, including LIN message managing, is stored in less than 10 kB on
the microcontroller Flash memory.
t
Soft Start
5V
PWM
Duty
Cycle
30%
Duty
Cycle
50%
Duty
Cycle
70%
Duty
Cycle
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com