Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2334 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2334
Description  Complete car door module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2334 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2334 Datasheet HTML 1Page - STMicroelectronics AN2334 Datasheet HTML 2Page - STMicroelectronics AN2334 Datasheet HTML 3Page - STMicroelectronics AN2334 Datasheet HTML 4Page - STMicroelectronics AN2334 Datasheet HTML 5Page - STMicroelectronics AN2334 Datasheet HTML 6Page - STMicroelectronics AN2334 Datasheet HTML 7Page - STMicroelectronics AN2334 Datasheet HTML 8Page - STMicroelectronics AN2334 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
September 2013
Rev 2
1/22
AN2334
Application Note
Complete car door module
Introduction
A car door module typically consists of a rubber-sealed carrier, onto which a variety of door
components such as the window lift mechanism, the wing mirror electric motor, the wiring
harness, the loud speaker, the door latch inner release cable, locks and various switches
are fitted, forming a “cassette”.
The trend in both Europe and the U.S. is to increase the complexity of the door module by
adding more electronic features needed to drive all door loads and functions, with the
possibility to connect the module to other car subsystems via standard automotive
communication protocols (LIN, CAN).
Among many of these automotive subsystems, the connectivity via a single wire,
decentralizing electronic modules, reduces the number of wires required and in turn reduces
wiring harness weight, contributes significantly to overall vehicle weight reduction. This is of
concern to auto manufacturers, who are constantly striving to reduce vehicle weight and to
improve fuel efficiency.
In this document, an electronic module is presented that controls all the car door functions,
including the window lift, all latching/locking operations, wing mirror movement, mirror turn
indicator light, defroster and some lamps. To reduce the risk of bodily injury, especially to
children, this module also includes an advanced trapping detection feature for the window lift
motor, which stops the window if a body member such as a finger, a hand or an arm is
introduced into the window climbing area during the window climbing process. A low-cost,
high performance, antipinch algorithm based on monitoring the window motor driver current,
has been developed.
www.st.com


Similar Part No. - AN2334

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2331 STMICROELECTRONICS-AN2331 Datasheet
831Kb / 24P
This note describes the performances
07-Jun-2006
AN2333 STMICROELECTRONICS-AN2333 Datasheet
364Kb / 9P
White LED power supply for large display backlight
01-Jun-2011
AN2335 STMICROELECTRONICS-AN2335 Datasheet
457Kb / 40P
This document is intended to give application
20-Oct-2006
AN2336 STMICROELECTRONICS-AN2336 Datasheet
214Kb / 7P
DVI ESD Protection demonstration board
10-Apr-2006
AN2339 STMICROELECTRONICS-AN2339 Datasheet
236Kb / 20P
STR91x hardware development getting started
10-May-2006
More results

Similar Description - AN2334

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ070T5GG01 SHARP-LQ070T5GG01 Datasheet
113Kb / 1P
Color TFT-LCD Module(Car Navigation)
logo
List of Unclassifed Man...
756N ETC1-756N Datasheet
74Kb / 1P
Complete Log Ratio Module
logo
Infineon Technologies A...
TLE8201R INFINEON-TLE8201R Datasheet
598Kb / 45P
Door Module Power IC
Rev. 2.0 2006-06-07
logo
Intronics Power, Inc.
756 INTRONICS-756 Datasheet
365Kb / 2P
Complete Log Ratio Module
logo
ON Semiconductor
NCV7707 ONSEMI-NCV7707 Datasheet
253Kb / 38P
Door-Module Driver-IC
May, 2014 ??Rev. 2
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7707 ONSEMI-NCV7707_16 Datasheet
259Kb / 38P
Door-Module Driver-IC
September, 2016 ??Rev. 3
NCV7710 ONSEMI-NCV7710_16 Datasheet
240Kb / 22P
Door-Module Driver-IC
April, 2016 ??Rev. 0
NCV7707 ONSEMI-NCV7707_18 Datasheet
313Kb / 38P
Door-Module Driver-IC
March, 2018 ??Rev. 4
NCV7707C ONSEMI-NCV7707C Datasheet
314Kb / 38P
Door-Module Driver-IC
January, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com