Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2334 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2334
Description  Complete car door module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2334 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2334 Datasheet HTML 14Page - STMicroelectronics AN2334 Datasheet HTML 15Page - STMicroelectronics AN2334 Datasheet HTML 16Page - STMicroelectronics AN2334 Datasheet HTML 17Page - STMicroelectronics AN2334 Datasheet HTML 18Page - STMicroelectronics AN2334 Datasheet HTML 19Page - STMicroelectronics AN2334 Datasheet HTML 20Page - STMicroelectronics AN2334 Datasheet HTML 21Page - STMicroelectronics AN2334 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
AN2334
Hardware implementation
19/22
The L9950 loads are shown in the following table:
The input signals INA and INB are directly interfaced with the microcontroller to select the
motor direction and the brake condition. The DIAGA/ENA or DIAGB/ENB, connected to the
I/O microcontroller and configured as input pull-up, enable the legs of the bridge. They also
provide a digital diagnostic signal. The CS pin allows monitoring the motor current by
delivering a current proportional to its value. The PWM, up to 20 KHz, allows control of the
motor speed in all possible conditions.
The reverse polarity protection MOSFET needs a zener diode and a resistor between gate
and source to protect against ISO pulses and for proper turn off in static reverse polarity.
In master node application, a LOW ohmic resistor must be connected externally between
LIN and battery to allow the maximum transmission rate.
Finally, all outputs need a 10nF capacitor to protect the module against 8 kV ESD events.
Figure 9.
Board Layout
Table 10.
L9950 Loads
L9950 Outputs
Load
OUT1
Common Mirror Motors
OUT2
X Mirror Motor
OUT3
Y Mirror Motor
OUT4
Lock Motor
OUT5
Lock Motor
OUT6
Mirror Fold Motor
OUT7
Exterior Light
OUT8
Footstep Light
OUT9
Safety Light
OUT10
Turn Indicator
OUT11
Defroster
Parallel Port
Connector
Gnd
+12
Lin
ICP
Connector
Window
A
Window
B
Up
Down
Wake Up
Reset
Enable
Parallel Port
Connector
Gnd
+12
Lin
ICP
Connector
Window
A
Window
B
Up
Down
Wake Up
Reset
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com