Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1336 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1336
Description  Power-fail comparator for NVRAM supervisory devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1336 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1336 Datasheet HTML 2Page - STMicroelectronics AN1336 Datasheet HTML 3Page - STMicroelectronics AN1336 Datasheet HTML 4Page - STMicroelectronics AN1336 Datasheet HTML 5Page - STMicroelectronics AN1336 Datasheet HTML 6Page - STMicroelectronics AN1336 Datasheet HTML 7Page - STMicroelectronics AN1336 Datasheet HTML 8Page - STMicroelectronics AN1336 Datasheet HTML 9Page - STMicroelectronics AN1336 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN1336
Hysteresis
4
Hysteresis
Hysteresis may be added to PFI for additional noise margin if desired (see Figure 7:
"Adding hysteresis"). The ratio of R1 and R2 should be selected such that PFI sees VPFI
when VUNREG falls to its trip point (VTRIP). Connecting R3 between PFI and PFO provides
the hysteresis and should typically be more than 10 times the value of R1 or R2. The
hysteresis window will extend both above (VH) and below (VL) the original trip point.
Figure 7: Adding hysteresis
Connecting an ordinary signal diode in series with R3 (see Figure 8: " Hysteresis on rising
VIN") so the lower trip point (VL) coincides with the trip point without hysteresis, causing the
entire hysteresis window to occur above VTRIP. This method provides additional noise
margin without compromising the accuracy of the power-fail threshold when the monitored
voltage is falling. The current through R1 and R2 should be at least 1 μA to ensure that the
25 nA PFI input current does not shift the trip point. The capacitor C1 is added for noise
rejection and should be quite small (e.g. ~100 nF), but is optional.
DocID007594 Rev 2
7/10
AI03077
PFO
VCC
PFI
R3
R2
R1
VIN
C1
GND
TO
CONTROLLER
VIN
0V
0V
PFO
VL
VH
VTRIP
VTRIP = VPFI
(
)
R1 + R2
R2
VH =
(
)
1 + 1 + 1
R1
VPFI + VPFH
(
) R1
(
)
R2
R3
VL = R1
(
)
1 + 1 + 1
R1
VPFI
R2
R3
[
]
VCC
R3
–
where
VPFH = 10mV
VPFI = 1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com