Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1336 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1336
Description  Power-fail comparator for NVRAM supervisory devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1336 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1336 Datasheet HTML 1Page - STMicroelectronics AN1336 Datasheet HTML 2Page - STMicroelectronics AN1336 Datasheet HTML 3Page - STMicroelectronics AN1336 Datasheet HTML 4Page - STMicroelectronics AN1336 Datasheet HTML 5Page - STMicroelectronics AN1336 Datasheet HTML 6Page - STMicroelectronics AN1336 Datasheet HTML 7Page - STMicroelectronics AN1336 Datasheet HTML 8Page - STMicroelectronics AN1336 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AN1336
Application note
Power-fail comparator for NVRAM supervisory devices
Introduction
Dealing with unexpected power loss
Inadvertent or unexpected loss of power can cause a number of system level problems. Memory loss,
uncontrolled program status and indeterminate processor state are just a few of the issues which can
occur during catastrophic power failure. Power-fail recovery is critical for applications created to perform
machine control or instrumentation monitoring, therefore knowing the state of the operating system at
the time of power loss is very important.
The function of the power-fail comparator is to provide several milliseconds of early warning that power
is failing. This advance warning (see Figure 1: "Power-fail warning") will allow a system to perform
operations necessary to prepare for a controlled shutdown sequence. By using a special power-fail input
(PFI) to monitor the unregulated supply voltage, a power fail output ( PFO ) can be generated tPFD after
the supply falls below the power-fail threshold (VPFI). This is made possible by the ability of a power
supply to continue to function and to provide output power for a period of time after the input power to
the power supply has failed. This facility enables the power supply to ride through missing half cycles or
missing cycles in an AC supply (Figure 2: "Supply hold-up").
Figure 1: Power-fail warning
PFO
PFI
VPFI
tPFD
AI04224
March 2014
DocID007594 Rev 2
1/10
www.st.com


Similar Part No. - AN1336

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1330 STMICROELECTRONICS-AN1330 Datasheet
888Kb / 31P
Designing with the L5970D 1A high efficiency DC-DC converter
19-May-2008
logo
Panasonic Semiconductor
AN13300A PANASONIC-AN13300A Datasheet
166Kb / 6P
Silicon Monolithic Bipolar IC
AN13301A PANASONIC-AN13301A Datasheet
172Kb / 7P
Silicon Monolithic Bi - CMOS IC
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
ST10F280 is a new member of ST10 family
Sep-2013
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
Quadruple Comparators
More results

Similar Description - AN1336

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
logo
Linear Technology
LTC2911 LINER-LTC2911_15 Datasheet
255Kb / 20P
Precision Triple Supply Monitor with Power-Fail Comparator
logo
Texas Instruments
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30_16 Datasheet
1Mb / 28P
Processor Supervisory Circuits With Power-Fail
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com