Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1336 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1336
Description  Power-fail comparator for NVRAM supervisory devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1336 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1336 Datasheet HTML 1Page - STMicroelectronics AN1336 Datasheet HTML 2Page - STMicroelectronics AN1336 Datasheet HTML 3Page - STMicroelectronics AN1336 Datasheet HTML 4Page - STMicroelectronics AN1336 Datasheet HTML 5Page - STMicroelectronics AN1336 Datasheet HTML 6Page - STMicroelectronics AN1336 Datasheet HTML 7Page - STMicroelectronics AN1336 Datasheet HTML 8Page - STMicroelectronics AN1336 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PFI/PFO operation in a system (how does it
work?)
AN1336
2
PFI/PFO operation in a system (how does it work?)
Figure 5: PFI/PFO in a typical system
A typical power failure can be described by the following three events (see Figure 6:
"Power failure sequence"):
1.
PFI triggered (t0): As VUNREG falls below the VPFI threshold, PFO is asserted on the
MCU’s Non-Maskable Interrupt (NMI) pin. When NMI is asserted, the MCU halts its
current task and begins saving critical data to the NVRAM (safeguard routine).
2.
VCC begins to fall (t1): the MCU will continue functioning until the safeguard routine is
complete or RESET
occurs.
3.
RESET
asserted and/or Write Protect occurs (t2):
At this point, the MCU needs to have completed the safeguard routine. This results in a
safeguard window from PFI to RESET /Write Protect (t2 - t0).
AC in
120/240V
50/60HZ
VPFI
R1
R2
5V
9V
MCU
SRAM
Regulator
AC
VUNREG
VIN
VCC
VCC
VCC
VCC
VOUT
M41ST85W
PFI
PFO
NMI
G
INT
RST
RST
W
INT
E
ECON
AI04220
4/10
DocID007594 Rev 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com