Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1336 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1336
Description  Power-fail comparator for NVRAM supervisory devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1336 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1336 Datasheet HTML 1Page - STMicroelectronics AN1336 Datasheet HTML 2Page - STMicroelectronics AN1336 Datasheet HTML 3Page - STMicroelectronics AN1336 Datasheet HTML 4Page - STMicroelectronics AN1336 Datasheet HTML 5Page - STMicroelectronics AN1336 Datasheet HTML 6Page - STMicroelectronics AN1336 Datasheet HTML 7Page - STMicroelectronics AN1336 Datasheet HTML 8Page - STMicroelectronics AN1336 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AN1336
Functional description
1
Functional description
An independent bandgap reference comparator is used to monitor the unregulated supply
voltage by connecting this supply to the power-fail input pin. The RC time constant of the
typical power supply will provide several milliseconds of operating voltage before decaying
below a usable value. The power-fail input is constantly compared with an internal voltage
reference of 1.25 V (see Figure 4: "Power-fail comparator circuit"). If the input voltage falls
below 1.25 V, the power-fail output goes low. When it later goes above 1.25 V, the output
returns high.
Adding two external resistors (see Figure 5: "PFI/PFO in a typical system" ) as a voltage
divider circuit allows the comparator to supervise any voltage above 1.25 V. The formula to
calculate the trip point voltage of PFI (VPFI), which is dependent upon R1 and R2 is:
Figure 4: Power-fail comparator circuit
The sum of both resistors should be about 1 Mohm to minimize power consumption and to
ensure the current in the PFI pin can be neglected compared with the current through the
resistor network. The suggested resistor values are shown below (see Table 1: "Look-up
table for different trip points"). The tolerance of the resistors should not exceed 1% to
ensure the sensed voltage does not vary too much.
Table 1: Look-up table for different trip points
R1 (kOhms)
R2 (kOhms)
Vtrip (V)
750
130
8.5
910
130
10.0
820
100
11.5
820
91
12.5
1100
100
15.0
+
+
–
–
1.25V
PFI
PFO
AI04221
DocID007594 Rev 2
3/10
where VPFI = 1.25 V
V TRIP
VPFI
R1
R2
+
(
)
R2
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com