Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1336 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1336
Description  Power-fail comparator for NVRAM supervisory devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1336 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1336 Datasheet HTML 1Page - STMicroelectronics AN1336 Datasheet HTML 2Page - STMicroelectronics AN1336 Datasheet HTML 3Page - STMicroelectronics AN1336 Datasheet HTML 4Page - STMicroelectronics AN1336 Datasheet HTML 5Page - STMicroelectronics AN1336 Datasheet HTML 6Page - STMicroelectronics AN1336 Datasheet HTML 7Page - STMicroelectronics AN1336 Datasheet HTML 8Page - STMicroelectronics AN1336 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Functional description
AN1336
Figure 2: Supply hold-up
This is a result of the RC time constant inherent to most power supplies (see Figure 3: "Typical power
supply" ). This time constant is dominated by capacitors C1 and C3 (C2 is usually quite small). C1 will
affect the VUNREG slew rate during power-fail, while C3 and C1 will more directly affect the regulated VCC
slew rate. Thus when the AC input fails, this capacitance will continue to power the circuit for several
milliseconds, typically in the order of 10 ms or more.
Figure 3: Typical power supply
Power-Fail Warning
Supply Hold-up
Power-Fail Output
Regulated Output Voltage
AC Input
AI04223
VUNREG
VCC
C1
C2
C3
REGUL ATOR
AI042222
2/10
DocID007594 Rev 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com