Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2512 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2512
Description  This application note describes how to design
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2512 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2512 Datasheet HTML 17Page - STMicroelectronics AN2512 Datasheet HTML 18Page - STMicroelectronics AN2512 Datasheet HTML 19Page - STMicroelectronics AN2512 Datasheet HTML 20Page - STMicroelectronics AN2512 Datasheet HTML 21Page - STMicroelectronics AN2512 Datasheet HTML 22Page - STMicroelectronics AN2512 Datasheet HTML 23Page - STMicroelectronics AN2512 Datasheet HTML 24Page - STMicroelectronics AN2512 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
AN2512
Layout rules
21/38
4
Layout rules
Noise rejection is the main issue to work on when a three-phase multi-chip approach has
been chosen. In this case layout plays a crucial role.
Here some rules to follow in layout phase:
●
Components positioning
The components of measuring section (STPM01, Current Transformers, passive
components) are placed using the same layout for each phase. The phases are placed in a
symmetrical scheme. In this way reduction of the cross talking can be achieved.
The Current transformer is placed very close to the correspondent STPM01 to minimize the
captured noise.
●
Components routing
The passive components belonging to the analogue input channels must be placed between
the sensor and the STPM01 always respecting a symmetrical scheme.
Particular care should be given for the voltage channel path because the voltage inputs are
normally relatively further from the corresponding STPM01.
●
Quartz
The crystal network has been placed in the middle of the board ensuring a completely
symmetrical path between the devices. A copper plate has been used under the Crystal
both on the TOP and on the BOTTOM side of PCB.
●
Copper plate
The copper plate area should be extended under the entire digital section and under the
crystal oscillator which provides the clock for the three STPM01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com