Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2512 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2512
Description  This application note describes how to design
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2512 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2512 Datasheet HTML 30Page - STMicroelectronics AN2512 Datasheet HTML 31Page - STMicroelectronics AN2512 Datasheet HTML 32Page - STMicroelectronics AN2512 Datasheet HTML 33Page - STMicroelectronics AN2512 Datasheet HTML 34Page - STMicroelectronics AN2512 Datasheet HTML 35Page - STMicroelectronics AN2512 Datasheet HTML 36Page - STMicroelectronics AN2512 Datasheet HTML 37Page - STMicroelectronics AN2512 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
AN2512
BOM list
35/38
14
1
C44
SMT X7R ceramic
capacitor 47NF 50 V
0805
15
3
D1,D3,D5
SMD LED low current
superred
P-LCC-2
OSRAM
Distrelec
631039
16
4
D2,D4,D6,D14
Small signal SMD diode
LL4148
1206
17
2
D7,D12
SMT Diode Bridge
1000 V 1 A
General
semiconductor
RS
269-344
18
1
D8
Mini-Melf Zener diode
15 V 0.5 W 5%
SMD Mini-
Melf 1206
19
1
D9
Small Signal Schottky
Diode 80 V 0.5 A
TMBAT49
MELF Glass
STMicroelectronics
20
2
D11,D13
DO-41 Zener diode
180 V 2 W 5%
DO41
21
1
J1
5 way 2 row header, 0.1
in pitch 7 mm pin (10 PIN
connector)
THT
22
1
J2
10 way 2 row header, 0.1
in pitch 7 mm pin (20
PIN connector)
THT
23
7
J5,J7,J8,J9,J10,J11,
J12
1 way header, 7 mm pin
(1 PIN connector)
THT
24
2
J13, J14
3 way 2 row header,
0.1in pitch 7 mm pin (6
PIN connector for
jumper)
THT
25
3
L1,L2,L3
Current transformer for
indirect connection
without dc-tolerance
CT 1:2000
THT
VAC
www.vacuumschm
elze.de
26
1
L4
Axial BC inductor,
1000 µH 130 mA
THT axial
Epcos
RS
191-0712
27
1
L5
Signal-Use SMD
Inductor 10 µH 125 mA
0805
TDK
28
1
NTC1
NTC inrush current
suppressor, 50 R 2 A
THT
RS
210-673
29
1
Q1
N-CHANNEL 500 V -
2.8
Ω - 2.3 A Zener-
Protected
SuperMESH™Power
MOSFET
STD3NK50Z
DPAK
STMicroelectronics
Table 10.
BOM list (continued)
Index Qty
Ref.
Value / generic part
number
Package
Manufacture’s
ordering code/
orderable part
number
Supplier Sup-
plier’s
order-
ing code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com