Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2512 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2512
Description  This application note describes how to design
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2512 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2512 Datasheet HTML 24Page - STMicroelectronics AN2512 Datasheet HTML 25Page - STMicroelectronics AN2512 Datasheet HTML 26Page - STMicroelectronics AN2512 Datasheet HTML 27Page - STMicroelectronics AN2512 Datasheet HTML 28Page - STMicroelectronics AN2512 Datasheet HTML 29Page - STMicroelectronics AN2512 Datasheet HTML 30Page - STMicroelectronics AN2512 Datasheet HTML 31Page - STMicroelectronics AN2512 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Three-phase systems
AN2512
28/38
In the balanced loads, the sum of the two wattmeter readings gives the total power. This can
be proven in a star-connected load mathematically using the power reading of each meter
as:
Equation 10
Equation 11
Equation 12
If the difference of the readings is computed,
Equation 13
which is 1/
√3 times the total three-phase reactive power. This means that the two-wattmeter
method can also indicate the total reactive power in the three-phase loads and also the
power factor.
A.3
Three-Wattmeter method
This method is used in a three-phase four-wire balanced or unbalanced load. The
connections are made with one meter in each line as shown in Figure 18. In this
configuration, the total active power supplied to the load is equal to the sum of the three
wattmeter readings.
Equation 14
Figure 18.
The wattmeter connections in the three-phase four-wire loads
P
1
V
12
I
1
•
30
°θ
–
()
cos
•
V
line
I
line
•
30
°θ
–
()
cos
•
=
=
P
2
V
32
I
3
•
30
°θ
–
()
cos
•
V
line
I
line
•
30
°θ
–
()
cos
•
=
=
P
Total
P
1
P
2
3V
line
I
line
θ
cos
•
•
=
+
=
P
2
P
1
–
V
line
I
line
•
30
°θ
–
()
cos
•
V
line
I
line
•
30
°θ
–
() V
line
I
line
•θ
sin
=
cos
•
–
=
P
Total
P
1
P
2
–
P
3
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com