Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2512 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2512
Description  This application note describes how to design
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2512 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2512 Datasheet HTML 30Page - STMicroelectronics AN2512 Datasheet HTML 31Page - STMicroelectronics AN2512 Datasheet HTML 32Page - STMicroelectronics AN2512 Datasheet HTML 33Page - STMicroelectronics AN2512 Datasheet HTML 34Page - STMicroelectronics AN2512 Datasheet HTML 35Page - STMicroelectronics AN2512 Datasheet HTML 36Page - STMicroelectronics AN2512 Datasheet HTML 37Page - STMicroelectronics AN2512 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
AN2512
Revision history
37/38
6
Revision history
48
1
T1
E13 TIW Switch mode
transformer
THT
Pulse
(www.pulseeng.
com)
49
3
U1,U2,U3
Programmable single
phase energy metering
IC with tamper detection
STPM01FTR_TSSOP20
TSSOP20
STMicroelectronics
50
1
U4
Very low drop voltage
regulators 3.3 V WITH
INHIBIT 300 mA 1%
L4931ABD33
SO-8
STMicroelectronics
51
1
U5
Opto-isolator PC817
DIP6
52
1
U6
Programmable shunt
voltage reference 1%
TS2431
SOT23-3
STMicroelectronics
53
1
U7
Low power OFF-Line
SMPS Primary Switcher
VIPer12AS-E
SO-8
STMicroelectronics
54
1
U8
HEX SCHMITT inverter
M74HC14
SOP
STMicroelectronics
55
1
Y1
Crystal 4.194304 MHZ
Auris
Distrelec
335026
Table 10.
BOM list (continued)
Index Qty
Ref.
Value / generic part
number
Package
Manufacture’s
ordering code/
orderable part
number
Supplier Sup-
plier’s
order-
ing code
Table 11.
Revision history
Date
Revision
Changes
17-Apr-2007
1
First issue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com