Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2512 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2512
Description  This application note describes how to design
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2512 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2512 Datasheet HTML 1Page - STMicroelectronics AN2512 Datasheet HTML 2Page - STMicroelectronics AN2512 Datasheet HTML 3Page - STMicroelectronics AN2512 Datasheet HTML 4Page - STMicroelectronics AN2512 Datasheet HTML 5Page - STMicroelectronics AN2512 Datasheet HTML 6Page - STMicroelectronics AN2512 Datasheet HTML 7Page - STMicroelectronics AN2512 Datasheet HTML 8Page - STMicroelectronics AN2512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Application description
AN2512
4/38
1
Application description
Three-phase meters (which derive as particular cases from poly-phase systems), are most
commonly used in practical industrial applications, and in a few cases also for domestic use.
This three-phase meter can be used as a reference board to build a Class 0,5 three-phase
microprocessor based meter for power line systems 3-Wire DELTA service, 4-Wires DELTA
and WYE service. It uses a multi-chip topology, in which each phase is monitored using a
single-phase device.
In this way, three STPM01 have been used with a common clock network. The power supply
is implemented in fly-back topology using a VIPer12A.
The meter cannot be used in standalone mode and a management/supervisory board must
be used for energy integration and data displaying. Such a control board should be plugged
in the connector J2 (referring to board schematics below), while the connector J1 is used for
calibration purposes in association (or conjunction) with the STPMxx parallel
programmer/reader released with the application.
1.1
Operating conditions
1.2
Circuit description
The meter consists of one board divided into the following sections:
●
Power supply management circuit
●
Phase circuit
●
Clock management network
●
Connectors.
The schematic of the board is shown in Figure 1.
Table 1.
Operating conditions
Value
Min
Max
Unit
VNOM
80
480
VRMS
INOM/IMAX
530
ARMS
fLIN
45
65
Hz
TAMB
- 40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com