Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2512 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2512
Description  This application note describes how to design
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2512 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2512 Datasheet HTML 18Page - STMicroelectronics AN2512 Datasheet HTML 19Page - STMicroelectronics AN2512 Datasheet HTML 20Page - STMicroelectronics AN2512 Datasheet HTML 21Page - STMicroelectronics AN2512 Datasheet HTML 22Page - STMicroelectronics AN2512 Datasheet HTML 23Page - STMicroelectronics AN2512 Datasheet HTML 24Page - STMicroelectronics AN2512 Datasheet HTML 25Page - STMicroelectronics AN2512 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Experimental results
AN2512
22/38
5
Experimental results
The tests have been conducted considering In =10 A, Vn = 220 V, f = 52 Hz, where In is the
nominal current and Vn is the nominal voltage.
5.1
Phase one results
Figure 11.
Graph of experimental results of phase n.1 tests
Table 5.
Experimental results of phase n.1 tests
I (A)
e%min
e%av
e%max
PF 0,5C
PF 0,5L
Stmin
Stmax
0,05
-1,841
-1,257
-0,724
0,1
-0,259
-0,119
0,123
-1
1
0,25
0,277
0,282
0,336
-1
1
0,5
0,114
0,152
0,177
-0,5
0,5
5
0,038
0,047
0,052
0,04
0,03
-0,5
0,5
10
0,032
0,036
0,041
-0,5
0,5
20
0,016
0,019
0,022
-0,5
0,5
30
0,045
-0,5
0,5
45
0,06
-0,5
0,5
-1,5
-1
-0,5
0
0,5
1
1,5
0,05
0,1
0,25
0,5
5
10
20
30
45
I[A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com