Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4173 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4173
Description  The aim of this document is to clarify the usage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4173 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4173 Datasheet HTML 2Page - STMicroelectronics AN4173 Datasheet HTML 3Page - STMicroelectronics AN4173 Datasheet HTML 4Page - STMicroelectronics AN4173 Datasheet HTML 5Page - STMicroelectronics AN4173 Datasheet HTML 6Page - STMicroelectronics AN4173 Datasheet HTML 7Page - STMicroelectronics AN4173 Datasheet HTML 8Page - STMicroelectronics AN4173 Datasheet HTML 9Page - STMicroelectronics AN4173 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Considerations on the input impedance of the signal source
AN4173
6/22
Doc ID 023727 Rev 3
If this does not happen, that is, if the source resistance is mis-matched to the sample time, a
voltage loss will occur at the sample and hold stage. This voltage loss causes an accuracy
loss when increasing or decreasing the input voltage from 0 to VrefH.
The error is calculated by the formula:
Equation 1
where: tS = sample time in μs, R = RSOURCE +RL in Ω, C = CS in μF.
For example:
Since the error is proportional to the difference between VIN and VrefH, the effect produces a
non-linearity in the conversion of large-amplitude signals. In practice, if tS > 7RC, the
maximum error is reduced to less than half LSB (< 0.05%).
Figure 2.
Transient behavior during sampling phase
A possible workaround in order to avoid the distortion is compensate the high source
resistance adjusts the ADC’s sample rate. A slower sample rate can provide more time for
the ADC acquisition to overcome the distortion.
To minimize the error induced by voltage partitioning betweeen the equivalent resistance
REQ, (sampled voltage on CS +CP2) and the sum of RS and RF, the external circuit must be
designed to satisfy the following relation:
Equation 2
where REQ = 1/(fC × (CS+CP2)) and fC is the conversion rate.
Consider:
Maxerror
LSB
1024
=
e
TS
RC
---------
–


×
v
A
R
S
R
F
+
R
EQ
---------------------


×
1
2
---
<
LSB
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com