Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4173 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4173
Description  The aim of this document is to clarify the usage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4173 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4173 Datasheet HTML 1Page - STMicroelectronics AN4173 Datasheet HTML 2Page - STMicroelectronics AN4173 Datasheet HTML 3Page - STMicroelectronics AN4173 Datasheet HTML 4Page - STMicroelectronics AN4173 Datasheet HTML 5Page - STMicroelectronics AN4173 Datasheet HTML 6Page - STMicroelectronics AN4173 Datasheet HTML 7Page - STMicroelectronics AN4173 Datasheet HTML 8Page - STMicroelectronics AN4173 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
September 2013
Doc ID 023727 Rev 3
1/22
AN4173
Application note
10-bit ADC - Configuration Guide for SPC56xBxx and
SPC56xCxx products
Introduction
The aim of this document is to clarify the usage of the ADC 10-bit SAR peripheral timing
parameters in order to help the user to find the best configuration to optimize the conversion
time and the quality/precision of the sampled signal considering its input impedance.
This document describes an application able to acquire sinusoidal signals of up to 500 kHz
using two DMA channels triggered by PIT and EOC signal.
The quality of the signal is estimated using an offline computation of the FFT of the sampled
values.
www.st.com


Similar Part No. - AN4173

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN417 STMICROELECTRONICS-AN417 Datasheet
306Kb / 21P
From nickel-cadmium to nickel-hydride fast battery charger
02-Nov-2011
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4172 STMICROELECTRONICS-AN4172 Datasheet
604Kb / 16P
IEEE802.3af class 3 PoE converter reference design
02-Oct-2012
AN4174 STMICROELECTRONICS-AN4174 Datasheet
2Mb / 21P
Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
31-Oct-2012
More results

Similar Description - AN4173

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN0912 STMICROELECTRONICS-TN0912 Datasheet
55Kb / 7P
The aim of this document is to give recommendations
17-Sep-2013
TN0969 STMICROELECTRONICS-TN0969 Datasheet
56Kb / 7P
The aim of this document is to give recommendations for hardware designers using
17-Sep-2013
UM1557 STMICROELECTRONICS-UM1557 Datasheet
3Mb / 111P
The aim of this document is to give the design engineer
18-Sep-2013
UM1608 STMICROELECTRONICS-UM1608 Datasheet
634Kb / 9P
The purpose of this document is to describe
03-Jun-2013
AN4466 STMICROELECTRONICS-AN4466 Datasheet
300Kb / 10P
The aim of this document is to give all information
03-Jun-2014
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
The purpose of this document is to describe
02-May-2012
AN4275 STMICROELECTRONICS-AN4275 Datasheet
388Kb / 11P
The objective of this document is to briefly
06-Aug-2013
AN442 STMICROELECTRONICS-AN442 Datasheet
63Kb / 5P
The aim of this note is to show how to connect
05-Apr-2004
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
The purpose of this document is to describe the design of the application
17-Nov-2014
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
The purpose of this document is to describe the design of the application
04-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com