Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4173 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4173
Description  The aim of this document is to clarify the usage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4173 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4173 Datasheet HTML 13Page - STMicroelectronics AN4173 Datasheet HTML 14Page - STMicroelectronics AN4173 Datasheet HTML 15Page - STMicroelectronics AN4173 Datasheet HTML 16Page - STMicroelectronics AN4173 Datasheet HTML 17Page - STMicroelectronics AN4173 Datasheet HTML 18Page - STMicroelectronics AN4173 Datasheet HTML 19Page - STMicroelectronics AN4173 Datasheet HTML 20Page - STMicroelectronics AN4173 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
AN4173
Application code structure
Doc ID 023727 Rev 3
17/22
3.4.1
Degradation of the signal acquisition
When the sampling frequency is choosen only 2 times higher than the frequency of the input
signal, as Nyquist-Shannon’s sampling theorem suggests, the process of reconstruction of
the acquired signal is guaranteed but not perfectly.
Indeed the sampling theorem provides only a sufficient condition but not a necessary one
for a perfect reconstruction.
The condition is that the signal obtained from this reconstruction process cannot have any
frequencies higher than one-half the sampling frequency. According to the theorem, the
reconstructed signal will match the original one provided if the original signal contains no
frequencies at or above this limit. This condition is called the Nyquist criterion.
if the condition is not satisfied, the resulting reconstructed signal may have a component at
the frequency, but the amplitude and phase of the component generally will not match the
original one.
The Figure 8 shows the acquired sinusoidal signal using a sampling frequency only 2 times
higher than the frequency of the input signal:
Figure 8.
Reconstructed signal at 10 Khz with sampling frequency 20Khz
In this case the reconstructed signal in red cannot be considered a perfect copy of the
original input signal in green.
The Figure 9 shows a correct acquisition using a sampling frequency 10 times higher than
the input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com