Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0897 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TN0897
Description  The document describes a standardized SPI protocol
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0897 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TN0897 Datasheet HTML 2Page - STMicroelectronics TN0897 Datasheet HTML 3Page - STMicroelectronics TN0897 Datasheet HTML 4Page - STMicroelectronics TN0897 Datasheet HTML 5Page - STMicroelectronics TN0897 Datasheet HTML 6Page - STMicroelectronics TN0897 Datasheet HTML 7Page - STMicroelectronics TN0897 Datasheet HTML 8Page - STMicroelectronics TN0897 Datasheet HTML 9Page - STMicroelectronics TN0897 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
General description
TN0897
6/28
Doc ID 023176 Rev 2
1
General description
1.1
Feature list
●
Standardized communication frame structure
●
Variable frame width
●
Global status information available in every communication frame
●
In-frame response
●
Pre-defined address assignment
●
Fail-safe concept
–
Robust communication protocol
–
Bus fault detection
–
Global failure Indication
●
Product information
–
Product name and family
–
Silicon version
●
Plug & play concept (standardized access to product information)
1.2
Signal description
Serial Clock (SCK): this input signal provides the timing of the serial interface. Data present
at Serial Data Input (SDI) is latched on the rising edge of Serial Clock (SCK). Data on Serial
Data Out (SDO) is shifted out at the falling edge of Serial Clock (SCK).
Serial Data Input (SDI): this input is used to transfer data serially into the device. It receives
the data to be written. Values are latched on the rising edge of Serial Clock (SCK).
Serial Data Output (SDO): this output signal is used to transfer data serially out of the
device. Data is shifted out on the falling edge of Serial Clock (SCK).
SDO also reflects the status of the <Global Error Flag> (Bit 7 of the <Global Status
Register>) while CSN is low and no clock signal is present
Chip Select Not (CSN): when this input signal is High, the device is not selected and Serial
Data Output (SDO) is high impedance. Driving this input Low enables the communication.
The communication must start and stop on a Low level of Serial Clock (SCK).
Failure Status (FSTAT) (optional): the <FSTAT> pin reflects the status of the <Global Error
Flag> (Bit 7 of the <Global Status Register>). It is an open-drain output signal so that
<FSTAT> pins of several devices can be connected to a common pull-up resistor and one
microcontroller I/O port in order to indicate a failure in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com